công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N02M083WL1A bảng dữ liệu(PDF) 9 Page - NanoAmp Solutions, Inc.

tên linh kiện N02M083WL1A
Giải thích chi tiết về linh kiện  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANOAMP [NanoAmp Solutions, Inc.]
Trang chủ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02M083WL1A bảng dữ liệu(HTML) 9 Page - NanoAmp Solutions, Inc.

  N02M083WL1A Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02M083WL1A Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Stock No. 23207-01 11/01/02
NanoAmp Solutions, Inc.
N02M083WL1A
Ordering Information
© 2001 - 2002 Nanoamp Solutions, Inc. All rights reserved.
NanoAmp Solutions, Inc. ("NanoAmp") reserves the right to change or modify the information contained in this data sheet and the products described therein, without prior notice.
NanoAmp does not convey any license under its patent rights nor the rights of others. Charts, drawings and schedules contained in this data sheet are provided for illustration pur-
poses only and they vary depending upon specific applications.
NanoAmp makes no warranty or guarantee regarding suitability of these products for any particular purpose, nor does NanoAmp assume any liability arising out of the application
or use of any product or circuit described herein. NanoAmp does not authorize use of its products as critical components in any application in which the failure of the NanoAmp
product may be expected to result in significant injury or death, including life support systems and critical medical instruments.
Revision History
Revision #
Date
Change Description
01
11/01/02
Initial Release
N02M083WL1AX-XX X
I = Industrial, -40°C to 85°C
70 = 70ns @ 2.7 volts
N = 32-pin STSOP I
D = Known good die (KGD)
Temperature
Performance
Package Type


Số phần tương tự - N02M083WL1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD NANOAMP-N02M0818L1AD Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AD-85I NANOAMP-N02M0818L1AD-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN NANOAMP-N02M0818L1AN Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1AN-85I NANOAMP-N02M0818L1AN-85I Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
More results

Mô tả tương tự - N02M083WL1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
N02L163WN1A NANOAMP-N02L163WN1A Datasheet
272Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com