công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01M0818L1AN bảng dữ liệu(PDF) 1 Page - NanoAmp Solutions, Inc.

tên linh kiện N01M0818L1AN
Giải thích chi tiết về linh kiện  1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANOAMP [NanoAmp Solutions, Inc.]
Trang chủ  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01M0818L1AN bảng dữ liệu(HTML) 1 Page - NanoAmp Solutions, Inc.

  N01M0818L1AN Datasheet HTML 1Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 2Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01M0818L1AN Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
Stock No. 23205-01 11/01/02
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
N01M0818L1A
1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM
128Kx8 bit
Overview
The N01M0818L1A is an integrated memory
device intended for non life-support (Class 1 or
2) medical applications. This device comprises a
1 Mbit Static Random Access Memory organized
as 131,072 words by 8 bits. The device is designed
and fabricated using NanoAmp’s advanced CMOS
technology with reliability inhancements for
medical users. The base design is the same as
NanoAmp’s N01M0818L2A, which has further
reliability processing for life-support (Class 3)
medical applications. The device operates with two
chip enable (CE1 and CE2) controls and output
enable (OE) to allow for easy memory expansion.
The N01M0818L1A is optimal for various
applications where low-power is critical such as
battery backup and hand-held devices. The device
can operate over a very wide temperature range of
-40oC to +85oC and is available in JEDEC
standard packages compatible with other standard
256Kb x 8 SRAMs
Features
• Single Wide Power Supply Range
1.4 to 2.3 Volts - STSOP package
• Dual Power Supply - Die Only
1.4 to 2.3 Volts - VCC
1.4 to 3.6 Volts - VCCQ
• Very low standby current
200nA maximum at 2.0V and 37 deg C
• Very low operating current
1 mA at 2.0V and 1µs (Typical)
• Very low Page Mode operating current
0.5mA at 1.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.2V
• Automatic power down to standby mode
• Special Processing to reduce Soft Error Rate
(SER)
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current
(ISB), Max
Operating
Current (Icc),
Max
N01M0818L1AN
32 - STSOP I
-40oC to +85oC
1.4V - 2.3V
85ns @ 1.7V
150ns @ 1.4V
20
µA
2.5 mA @ 1MHz
N01M0818L1AD Known Good Die
N01M0818L1A
STSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
VSS
I/O2
I/O1
I/O0
A0
A1
A2
A3
Pin Descriptions
Pin Name
Pin Function
A0-A16
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
I/O0-I/O7
Data Inputs/Outputs
VCCQ
Output Power (die only)
VCC
Power
VSS
Ground


Số phần tương tự - N01M0818L1AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
More results

Mô tả tương tự - N01M0818L1AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NanoAmp Solutions, Inc.
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9