công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTV312MS64 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MTV312MS64
Giải thích chi tiết về linh kiện  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MS64 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MTV312MS64 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
Revision 0.99
- 8 -
2001/07/26
COP10 = 1
→ Pin “P1.0”is CMOS Output.
= 0
→ Pin “P1.0”is 8051 standard I/O.
OPTION (w) :
Chip option configuration (All are "0" in Chip Reset).
PWMF = 1
→ Selects 94KHz PWM frequency.
= 0
→ Selects 47KHz PWM frequency.
DIV253 = 1
→ PWM pulse width is 253-step resolution.
= 0
→ PWM pulse width is 256-step resolution.
FclkE
= 1
→ CPU is running at double rate
= 0
→ CPU is running at normal rate
ENSCL = 1
→ Enable slave IIC block to hold HSCL pin low while MTV312M64 is unable to
catch-up with the external master's speed.
Msel
= 1
→ Master IIC block connect to HSCL/HSDA pins.
= 0
→ Master IIC block connect to ISCL/ISDA pins.
MIICF1,MIICF0 = 1,1
→ Selects 400KHz Master IIC frequency.
= 1,0
→ Selects 200KHz Master IIC frequency.
= 0,1
→ Selects 50KHz Master IIC frequency.
= 0,0
→ Selects 100KHz Master IIC frequency.
4. I/O Ports
4.1 Port1
Port1 is a group of pseudo open drain pins or CMOS output pins. It can be used as general purpose I/O.
Behavior of Port1 is the same as standard 8051.
4.2 P3.0-2, P3.4-5
If these pins are not set as IIC pins, Port3 can be used as general purpose I/O, interrupt, UART and Timer
pins. Behavior of Port3 is the same as standard 8051.
4.3 Port4, Port5 and Port6
Port5 and Port6 are used as general purpose I/O. S/W needs to set the corresponding P5(n)oe and P6(n)oe
to define whether these pins are input or output. Port4 is pure output.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
PORT5
F30h(r/w)
P50
PORT5
F31h(r/w)
P51
PORT5
F32h(r/w)
P52
PORT5
F33h(r/w)
P53
PORT5
F34h(r/w)
P54
PORT5
F35h(r/w)
P55
PORT5
F36h(r/w)
P56
PORT6
F38h(r/w)
P60
PORT6
F39h(r/w)
P61
PORT6
F3Ah(r/w)
P62
PORT6
F3Bh(r/w)
P63
PORT6
F3Ch(r/w)
P64
PORT6
F3Dh(r/w)
P65
PORT6
F3Eh(r/w)
P66
PORT6
F3Fh(r/w)
P67
PORT4
F58h(w)
P40
PORT4
F59h(w)
P41
PORT4
F5Ah(w)
P42


Số phần tương tự - MTV312MS64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Mô tả tương tự - MTV312MS64

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com