công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM7008 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ADM7008
Giải thích chi tiết về linh kiện  Octal Ethernet 10/100M PHY
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ADM7008 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ADM7008 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM7008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
ADMtek Inc.
V1.0
3.2
MAC Interface ............................................................................................... 3-13
3.2.1
Reduced Media Independent Interface (RMII) ...................................... 3-14
3.2.2
Receive Path for 100M........................................................................... 3-14
3.2.3
Receive Path for 10M............................................................................. 3-16
3.2.4
Transmit Path for 100M ........................................................................ 3-16
3.2.5
Transmit Path for 10M .......................................................................... 3-16
3.2.6
Serial and Source Synchronous Media Independent Interface.............. 3-17
3.2.7
100M Receive Path ................................................................................ 3-18
3.2.8
10M Receive Path .................................................................................. 3-19
3.2.9
100M Transmit Path .............................................................................. 3-20
3.2.10
10M Transmit Path ................................................................................ 3-20
3.3
LED Display .................................................................................................. 3-21
3.3.1
Single Color LED................................................................................... 3-21
3.3.2
Dual Color LED..................................................................................... 3-23
3.3.3
Serial Output LED Status ...................................................................... 3-23
3.3.4
RMII Mode (RSMODE1 = 1)................................................................. 3-24
3.3.5
SMII/SS_SMII Mode (RSMODE1 = 0).................................................. 3-24
3.4
Management Register Access........................................................................ 3-24
3.4.1
Preamble Suppression ........................................................................... 3-25
3.4.2
Reset Operation ..................................................................................... 3-25
3.5
Power Management ....................................................................................... 3-26
3.5.1
Medium Detect Power Saving................................................................ 3-26
3.5.2
Transmit Power Saving.......................................................................... 3-27
3.6
Voltage Regulator .......................................................................................... 3-28
Chapter 4 Register Description .................................................................................... 4-1
4.1
Register Mapping............................................................................................. 4-1
4.2
Register Bit Mapping....................................................................................... 4-2
4.2.1
Register #0h -- Control Register.............................................................. 4-2
4.2.2
Register #1h – Status Register ................................................................. 4-2
4.2.3
Register #2h – PHY ID Register (002E).................................................. 4-2
4.2.4
Register #3h – PHY ID Register (CC11) ................................................. 4-2
4.2.5
Register #4h – Advertisement Register .................................................... 4-2
4.2.6
Register #5h – Link Partner Ability Register........................................... 4-2
4.2.7
Register #6h – Auto Negotiation Expansion Register.............................. 4-2
4.2.8
Register #7h – # Fh Reserved .................................................................. 4-2
4.2.9
Register #10h – PHY Configuration Register.......................................... 4-2
4.2.10
Register #11h – 10M Configuration Register.......................................... 4-3
4.2.11
Register #12h – 100M Configuration Register........................................ 4-3
4.2.12
Register #13h – LED Configuration Register.......................................... 4-3
4.2.13
Register #14h – Interrupt Enable Register .............................................. 4-3
4.2.14
Register #16h – PHY Generic Status Register......................................... 4-3
4.2.15
Register #17h – PHY Specific Status Register......................................... 4-3
4.2.16
Register #18h – Recommend Value Storage Register ............................. 4-3
4.2.17
Register #19h – Interrupt Status Register................................................ 4-3
4.2.18
Register #1dh – Receive Error Counter .................................................. 4-4
ADM7008
ii
4.2.19
Register #1eh – Chip ID (8888) ............................................................... 4-4


Số phần tương tự - ADM7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
ADM700X INFINEON-ADM700X Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results

Mô tả tương tự - ADM7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Realtek Semiconductor C...
RTL8152B-VB-CG REALTEK-RTL8152B-VB-CG Datasheet
515Kb / 27P
   INTEGRATED 10/100M ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX11025 ASIX-AX11025 Datasheet
166Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11001 ASIX-AX11001 Datasheet
144Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
AX11015 ASIX-AX11015 Datasheet
165Kb / 2P
   Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com