công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV315Y bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OPV315Y
Giải thích chi tiết về linh kiện  Technical Data
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV315Y bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OPV315Y Datasheet HTML 1Page - OPTEK Technologies OPV315Y Datasheet HTML 2Page - OPTEK Technologies OPV315Y Datasheet HTML 3Page - OPTEK Technologies OPV315Y Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optek Technology, Inc.
Carrollton, Texas 75006
(972) 323-2200
sensors@optekinc.com
www.optekinc.com
September 2003
Issue 2.3
Page 1 of 4
Vertical Cavity Surface
Emitting Laser in TO-46
Package
Description
The OPV315 is a high performance 850nm VCSEL pack-
aged for high speed communication links. OPV315 com-
bines all the performance advantages of a VCSEL with
the addition of a power monitor diode for precise control
of optical power.
The OPV315Y is identical electrically and optically and
differs only in pin out. Refer to mechanical drawings for
details.
Features including high speed, high output power and
concentric beam makes it an ideal transmitter for integra-
tion into all types of data communications equipment.
Applications include:
Fibre Channel
Gigabit Ethernet
ATM
VSR
Intra-system links
Optical backplane interconnects.
Storage Temperature
-40°C to +100°C
Operating Temperature
0°C to +70°C
Soldering Lead Temperature
260°C for 10 Seconds
Maximum Forward Peak Current
20 mA
Maximum Reverse Voltage
10 V
Max. Continuous Optical Power @ 70°C
85°C
750
µW
500
µW
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Features
850nm VCSEL Technology
Data rates up to 2.5 Gbps
High thermal stability
Low drive current/high output density
Narrow and concentric beam angle
Recommended for multimode fiber applications
TO-46 package with microbead lens
Burned in for communication level reliability
Monitor photodiode
Additional laser safety information can be found
on the Optek website. See application #221.
Classification is not marked on the device due to
space limitations. See package outline for
centerline of optical radiance. Operating devices
beyond maximum rating may cause devices to
exceed rated classification


Số phần tương tự - OPV315Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV315YAT OPTEK-OPV315YAT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
OPV315YBT OPTEK-OPV315YBT Datasheet
178Kb / 3P
   Vertical Cavity Surface Emitting Laser in ST Optical Sub-Assembly
logo
TT Electronics.
OPV315YBT TTELEC-OPV315YBT Datasheet
769Kb / 3P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
OPV315YF TTELEC-OPV315YF Datasheet
226Kb / 5P
   Vertical Cavity Surface Emitting Laser in FC Optical Sub-Assembly
More results

Mô tả tương tự - OPV315Y

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com