công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV302 bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OPV302
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in TO-46 Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV302 bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OPV302 Datasheet HTML 1Page - OPTEK Technologies OPV302 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Vertical Cavity Surface Emitting
Laser in TO-46 Package
OPV302
850nm VCSEL technology
High thermal stability
Low drive current
High output power
Narrow Beam Angle
The OPV302 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a dome lens TO-46 package.
VCSELs offer many advantages in sensing applications when compared to infrared LEDs. These devices require
substantially lower drive currents to obtain the same amount of output power as LEDs. This feature allows
VCSELs to be used in low power consumption applications such as battery operated equipment.
The dome lens packaging creates a narrow beam angle from the device. Long distance applications may benefit
from this feature as secondary optics may be eliminated, reducing total system cost. The OPV302 is optically and
spectrally compatible with Optek’s standard detector products such as the OP800 series phototransistors, OP830
series photodarlingtons and the OP910 photodiode.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Additional laser safety information can be
found on the Optek website. See application
bulletin #221.
Classification is not marked on the device
due to space limitations. See package out-
line for centerline of optical radiance. Oper-
ating devices beyond maximum rating may
result in hazardous radiation exposure.
1
2
VCSEL
.230
.209
.100
1
3
2
3X
.019
.016
.050 MAX
.186
.180
3X .500 MIN
.210
.190
.030 MAX
Emission
Surface
OPV302
Pin
Connection
1
VCSEL Anode
2
VCSEL Cathode
3
No Connection
Pb
RoHS


Số phần tương tự - OPV302

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OPV302 TTELEC-OPV302 Datasheet
630Kb / 3P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
logo
OPTEK Technologies
OPV302 OPTEK-OPV302_14 Datasheet
176Kb / 2P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
More results

Mô tả tương tự - OPV302

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV302 OPTEK-OPV302_14 Datasheet
176Kb / 2P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
logo
TT Electronics.
OPV302 TTELEC-OPV302 Datasheet
630Kb / 3P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
logo
OPTEK Technologies
OPV200 OPTEK-OPV200 Datasheet
279Kb / 4P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
OPV214 OPTEK-OPV214 Datasheet
263Kb / 4P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
OPV310 OPTEK-OPV310 Datasheet
345Kb / 4P
   Vertical Cavity Surface Emitting Laser in TO-46 Package
September 2003 Issue 3.2
OPV202 OPTEK-OPV202 Datasheet
241Kb / 4P
   Vertical Cavity Surface Emitting Laser in TO-46 Dome Lens Package
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com