công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC824T bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện STC824T
Giải thích chi tiết về linh kiện  UP Supervisor Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STC824T bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STC824T Datasheet HTML 4Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 5Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 6Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 7Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 8Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 9Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 10Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 11Page - List of Unclassifed Manufacturers STC824T Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Recommended Operation Condition
Table 3. DC Electrical Characteristics
m
y
Sm
y
S m
y
S m
y
Sm
y
Sn
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Mt
i
n
Ut
i
n
U t
i
n
U t
i
n
Ut
i
n
U
V
C
C
M
x
x
x
,
L
xxx
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
40
.
55
.
5V
S
x
x
x
,
T
x
x
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S0
.
33
.
35
.
5V
R
x
x
x
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S7
.
20
.
35
.
5V
Y
x
x
x
,
Z
xxx
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S4
.
25
.
25
.
5V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
7
.
0
C
C
V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
3
.
0
C
C
V
T
A
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O0
4
-5
8
OC
Storage Temperature ....................................................... -65oC to +150oC
Ambient Temperature with Power Applied ....................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ........... -0.3V to +7.0V
DC Input Voltage (All inputs except Vcc and GND) ..... -0.3V to V
CC+0.3V
DC Output Current (All outputs) .................................................... 20mA
Power Dissipation ........................................................................ 320mW
(Depend on package)
Detailed Specifications
Absolute Maximum Ratings
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for ex-
tended periods may affect reliability.


Số phần tương tự - STC824T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Suntac Electronic Corp.
STC8050 SUNTAC-STC8050 Datasheet
98Kb / 2P
   NPN Silicon Transistor
logo
AUK corp
STC8050N AUK-STC8050N Datasheet
244Kb / 4P
   NPN Silicon Transistor
STC8050SF AUK-STC8050SF Datasheet
258Kb / 4P
   NPN Silicon Transistor
logo
List of Unclassifed Man...
STC813L ETC1-STC813L Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813M ETC1-STC813M Datasheet
58Kb / 7P
   UP Supervisor Circuits
More results

Mô tả tương tự - STC824T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com