công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC3485EEPA bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STC3485EEPA
Giải thích chi tiết về linh kiện  3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STC3485EEPA bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STC3485EEPA Datasheet HTML 1Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 2Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 3Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 4Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 5Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 6Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 7Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 8Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STC3485E Datasheet Rev.0.1, Dec.2005
Page    of  11
STC International Limited                          http://www.mcu-memory.com
Selector Guide
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings”may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
(VCC = 3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
RL = 54O ?
(RS-485), Figure 2
1.2
Differential Driver Output
VOD
RL = 60O ?
(RS-485), VCC = 3.3V, Figure3
1.2
V
Change in Magnitude of Driver Differential
Output Voltage for Complementary Output
States (Note 1)
?VOD
RL = 54O?
or 100O, Figure 2
0.2
V
Driver Common-Mode Output Voltage
VOC
RL = 54O?
or 100O, Figure 2
2
V
Change in Magnitude of
Common-Mode Output Voltage
(Note 1)
?VOC
RL = 54Oor 100O, Figure 2
0.2
V
Input High Voltage
VIH
DE, DI, /RE
2.0
V
Input Low Voltage
VIL
DE, DI, /RE
0.8
V
Logic Input Current
IIN1
DE, DI, /RE
±2
µA
VIN = 12V
1.0
Input Current (A, B)
IIN2
DE = 0V,
VCC = 0V or 3.6V
VIN = -7V
-0.8
mA
Receiver Differential
Threshold Voltage
VTH
-7V≤VCM≤12V
-0.2
-0.05
V
Receiver Input Hysteresis
?VTH
VCM = 0V
20
mV
Receiver Output High Voltage
VOH
IOUT = -1.5mA, VID = 200mV, Figure 4
VCC - 0.4
V
Receiver Output Low Voltage
VOL
IOUT = 2.5mA, VID = 200mV, Figure 4
0.4
V
Three-State (High Impedance)
Output Current at Receiver
IOZR
VCC = 3.6V, 0V≤VOUT≤VCC
±1
µA
Receiver Input Resistance
RIN
-7V≤VCM≤12V
96
kO
Supply Voltage Range
VCC
3.0
3.6
V
DE = VCC, /RE = 0V or VCC
0.6
1.2
Supply Current
ICC
No load,
DI = 0V or VCC
DE = 0V, /RE = 0V
0.5
1.0
mA
Supply Current in Shutdown Mode
ISHDN
DE = 0V, /RE = VCC, DI = VCC or 0V
1.0
µA
VOUT = -7V
-250
Driver Short-Circuit Output Current
IOSD
VOUT = 12V
250
mA
Receiver Short-Circuit Output Current
IOSR
0V≤VRO≤VCC
±8
±60
mA
Human Body Model
±15
ESD Protection for A, B
IEC 1000-4-2 Air Discharge
±15
kV
PART
NUMBER
GUARANTEED
DATA RATE
(Mbps)
SUPPLY
VOLTAGE
(V)
SLEW-RATE
LIMITED
DRIVER/
RECEIVER
ENABLE
SHUTDOWN
CURRENT
(µA)
±15kV
ESD
PROTECTION
PIN
COUNT
STC3485E
0.5
3.0 to 3.6
Yes
Yes
1
Yes
8
Supply Voltage (VCC) … … … … … … … … … … … … … … … … … … 5V
Control Input Voltage (/RE, DE) … … … … … … … … … … … -0.3V to 5V
Driver Input Voltage (DI) … … … … … … … … … … … … … … -0.3V to 5V
Driver Output Voltage (A, B) … … … … … … … … … … … … -7V to 12V
Receiver Input Voltage (A, B) … … … … … … … … … … … … -7V to 12V
Receiver Output Voltage (RO) … … … … … … … -0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) … … … … 727mW
8-Pin SO (derate 5.88mW/°C above +70°) … … … … … … … … 471mW
Operating Temperature Ranges
STC3485EE_ _ … … … … … … … … … … … … … … … -40°C to +85°C
Storage Temperature Range… … … … … … … … … … -65°C to +160°C
Lead Temperature (soldering, 10sec) … … … … … … … … … … +300°C


Số phần tương tự - STC3485EEPA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AUK corp
STC344 AUK-STC344 Datasheet
62Kb / 3P
   NPN Silicon Transistor
STC345 AUK-STC345 Datasheet
237Kb / 3P
   NPN Silicon Transistor
STC345L AUK-STC345L Datasheet
216Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC345L KODENSHI-STC345L Datasheet
219Kb / 5P
   NPN Silicon Transistor
More results

Mô tả tương tự - STC3485EEPA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com