công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STC232EEPE bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STC232EEPE
Giải thích chi tiết về linh kiện  High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STC232EEPE bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STC232EEPE Datasheet HTML 1Page - List of Unclassifed Manufacturers STC232EEPE Datasheet HTML 2Page - List of Unclassifed Manufacturers STC232EEPE Datasheet HTML 3Page - List of Unclassifed Manufacturers STC232EEPE Datasheet HTML 4Page - List of Unclassifed Manufacturers STC232EEPE Datasheet HTML 5Page - List of Unclassifed Manufacturers STC232EEPE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STC International Limited
http://www.mcu-memory.com
STC232E Datasheet Rev.0.1, Dec.2005
Page
of
6
STC232E
High ESD-Protected, Fail-Safe ,
Single Supply RS-232 Transceivers
General Description
Applications
Features
Ordering Information
Notebook, Subnotebook, and Palmtop Computers
Battery-Powered Equipment
Hand-Held Equipment
POS terminal
ESD Protection for RS-232 Bus Pins up to ±15kV Human Body Model
Meets or Exceeds the Requirements of TIA/EIA-232-F and ITU V.28 Standards
Single +5V power supply
Low power, ICC 8.0mA maximum
Operates up to 120 Kbit/s
BiCMOS Technology
Receiver Noise Filter
Latch-Up Performance Exceeds 200mA
Pin compatible with industry standard MAX232, ICL232
The STC232E is low power single supply RS232 interface. The device consists of two line drivers, two line receivers,
and dual charge pump circuit. The device meets the requirements of TIA/EIA-232 standard and provides the electrical
interface between an asynchronous communication controller and the serial-port connector.
The on chip charge pump and four small external capacitors act as onboard DC to DC converter, allow chip operated
from single 5V supply, eliminating the need for ±10V power supplies, reduce cost and board space. Chip power supply
current is specified at 8.0 mA maximum, making the device ideal for battery and power conscious applications.
The device operates at data signaling rates over 120Kb/s. The slew rate of driver is set internally less than 30V/µs and
the receivers feature internal noise filtering, eliminating the need for external slew rate and filter capacitors for reliable
operation. The driver inputs and receiver outputs are TTL and CMOS compatible.
STC232E comes in 16 pin DIP, SOP and SSOP packages, operating over the commercial and industrial temperature
ranges.
The ESD tolerance has been upgraded on these devices to over ±15KV for both Human Body Model and IEC1000-4-2
Air Discharge Method, without latchup. These devices are pin-to-pin compatible with MAX202/232 devices as well as
other popular industry standards.
PART
TEMP. RANGE
PIN-PACKAGE
STC232EESE
-40°C to +85°C
16 Plastic DIP
STC232EEPE
-40°C to +85°C
16 Narrow SO


Số phần tương tự - STC232EEPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
STC2.2-10C1 VISHAY-STC2.2-10C1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC2.2-15N1 VISHAY-STC2.2-15N1 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC2.2-25C2 VISHAY-STC2.2-25C2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC2.2-25N2 VISHAY-STC2.2-25N2 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
STC2.2-2C0 VISHAY-STC2.2-2C0 Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
More results

Mô tả tương tự - STC232EEPE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Union Semiconductor, In...
UM232EESE UNIONSEMI-UM232EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM202EESE UNIONSEMI-UM202EESE_14 Datasheet
316Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM202EESE UNIONSEMI-UM202EESE Datasheet
263Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM232EESE UNIONSEMI-UM232EESE_15 Datasheet
318Kb / 11P
   High ESD-Protected, Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E Datasheet
236Kb / 15P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3221E UNIONSEMI-UM3221E_16 Datasheet
365Kb / 16P
   Fail-Safe, Single Supply RS-232 Transceivers
UM3488 UNIONSEMI-UM3488 Datasheet
363Kb / 17P
   Low Power, ESD-Protected, Fail-Safe, RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com