công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD10465BZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD10465BZ
Giải thích chi tiết về linh kiện  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD10465BZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD10465BZ Datasheet HTML 7Page - Analog Devices AD10465BZ Datasheet HTML 8Page - Analog Devices AD10465BZ Datasheet HTML 9Page - Analog Devices AD10465BZ Datasheet HTML 10Page - Analog Devices AD10465BZ Datasheet HTML 11Page - Analog Devices AD10465BZ Datasheet HTML 12Page - Analog Devices AD10465BZ Datasheet HTML 13Page - Analog Devices AD10465BZ Datasheet HTML 14Page - Analog Devices AD10465BZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD10465
–11–
Power Supplies
Care should be taken when selecting a power source. Linear
supplies are strongly recommended. Switching supplies tend
to have radiated components that may be “received” by the
AD10465. Each of the power supply pins should be decoupled as
closely to the package as possible using 0.1
µF chip capacitors.
The AD10465 has separate digital and analog power supply
pins. The analog supplies are denoted AVCC and the digital
supply pins are denoted DVCC. AVCC and DVCC should be
separate power supplies. This is because the fast digital output
swings can couple switching current back into the analog sup-
plies. Note that AVCC must be held within 5% of 5 V. The
AD10465 is specified for DVCC = 3.3 V as this is a common
supply for digital ASICs.
Output Loading
Care must be taken when designing the data receivers for the
AD10465. The digital outputs drive an internal series resistor
(e.g., 100
Ω) followed by a gate like 75LCX574. To minimize
capacitive loading, there should only be one gate on each output
pin. An example of this is shown in the evaluation board sche-
matic shown in Figure 10. The digital outputs of the AD10465
have a constant output slew rate of 1 V/ns. A typical CMOS
gate combined with a PCB trace will have a load of approxi-
mately 10 pF. Therefore, as each bit switches, 10 mA (10 pF
×
1 V,
÷ 1 ns) of dynamic current per bit will flow in or out of the
device. A full-scale transition can cause up to 140 mA (14 bits
×
10 mA/bit) of current flow through the output stages. These
switching currents are confined between ground and the DVCC
pin. Standard TTL gates should be avoided since they can
appreciably add to the dynamic switching currents of the AD10465.
It should also be noted that extra capacitive loading will increase
output timing and invalidate timing specifications. Digital out-
put timing is guaranteed with 10 pF loads.
LAYOUT INFORMATION
The schematic of the evaluation board (Figure 10) represents a
typical implementation of the AD10465. The pinout of the
AD10465 is very straightforward and facilitates ease of use and
the implementation of high frequency/high resolution design
practices. It is recommended that high quality ceramic chip
capacitors be used to decouple each supply pin to ground directly
at the device. All capacitors can be standard high quality ceramic
chip capacitors.
Care should be taken when placing the digital output runs.
Because the digital outputs have such a high slew rate, the
capacitive loading on the digital outputs should be minimized.
Circuit traces for the digital outputs should be kept short and
connect directly to the receiving gate. Internal circuitry buffers
the outputs of the ADC through a resistor network to eliminate
the need to externally isolate the device from the receiving gate.
EVALUATION BOARD
The AD10465 evaluation board (Figure 9) is designed to pro-
vide optimal performance for evaluation of the AD10465 analog-
to-digital converter. The board encompasses everything needed
to insure the highest level of performance for evaluating the
AD10465. The board requires an analog input signal, encode
clock and power supply inputs. The clock is buffered on-board
to provide clocks for the latches. The digital outputs and clocks
are available at the standard 40-pin connectors J1 and J2.
Power to the analog supply pins is connected via banana jacks. The
analog supply powers the associated components and the analog
section of the AD10465. The digital outputs of the AD10465
are powered via banana jacks with 3.3 V. Contact the factory if
additional layout or applications assistance is required.
Figure 9a. Evaluation Board Mechanical Layout


Số phần tương tự - AD10465BZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Mô tả tương tự - AD10465BZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com