công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD10465AZ bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện AD10465AZ
Giải thích chi tiết về linh kiện  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD10465AZ bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button AD10465AZ Datasheet HTML 5Page - Analog Devices AD10465AZ Datasheet HTML 6Page - Analog Devices AD10465AZ Datasheet HTML 7Page - Analog Devices AD10465AZ Datasheet HTML 8Page - Analog Devices AD10465AZ Datasheet HTML 9Page - Analog Devices AD10465AZ Datasheet HTML 10Page - Analog Devices AD10465AZ Datasheet HTML 11Page - Analog Devices AD10465AZ Datasheet HTML 12Page - Analog Devices AD10465AZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD10465
–9–
CURRENT MIRROR
DR OUT
DVCC
VREF
CURRENT MIRROR
DVCC
Figure 4. Digital Output Stage
CURRENT MIRROR
D0–D13
DVCC
VREF
CURRENT MIRROR
DVCC
100
Figure 5. Digital Output Stage
AVIN3
AVIN2
AVIN1
200
100
100
TO AD8037
Figure 2. Analog Input Stage
LOADS
LOADS
10k
10k
ENCODE
AVCC
AVCC
10k
10k
ENCODE
AVCC
AVCC
Figure 3. ENCODE Inputs
THEORY OF OPERATION
The AD10465 is a high dynamic range 14-bit, 65 MHz pipeline
delay (three pipelines) analog-to-digital converter. The custom
analog input section maintains the same input ranges (1 V p-p,
2 V p-p, and 4 V p-p) and input impedance (100
Ω, 200 Ω, and
400
Ω) as the AD10242.
The AD10465 employs four monolithic ADI components per
channel (AD8037, AD8138, AD8031, and AD6644), along with
multiple passive resistor networks and decoupling capacitors to
fully integrate a complete 14-bit analog-to-digital converter.
The input signal is passed through a precision laser-trimmed
resistor divider allowing the user to externally select operation
with a full-scale signal of
±0.5 V, ±1.0 V or ±2.0 V by choosing
the proper input terminal for the application.
The AD10465 analog input includes an AD8037 amplifier
featuring an innovative architecture that maximizes the dynamic
range capability on the amplifiers inputs and outputs. The AD8037
amplifier provides a high input impedance and gain for driving
the AD8138 in a single-ended to differential amplifier configu-
ration. The AD8138 has a –3 dB bandwidth at 300 MHz and
delivers a differential signal with the lowest harmonic distortion
available in a differential amplifier. The AD8138 differential
outputs help balance the differential inputs to the AD6644,
maximizing the performance of the ADC.
The AD8031 provides the buffer for the internal reference of
the AD6644. The internal reference voltage of the AD6644 is
designed to track the offsets and drifts of the ADC and is used
to ensure matching over an extended temperature range of
operation. The reference voltage is connected to the output
common mode input on the AD8138. The AD6644 reference
voltage sets the output common-mode on the AD8138 at 2.4 V,
which is the midsupply level for the AD6644.
The AD6644 has complementary analog input pins, AIN and
AIN.
Each analog input is centered at 2.4 V and should swing
±0.55 V
around this reference. Since AIN and
AIN are 180 degrees out
of phase, the differential analog input signal is 2.2 V peak-to-peak.
Both analog inputs are buffered prior to the first track-and-hold,
TH1. The high state of the ENCODE pulse places TH1 in hold
mode. The held value of TH1 is applied to the input of a 5-bit
coarse ADC1. The digital output of ADC1 drives 14 bits of
precision which is achieved through laser trimming. The output
of DAC1 is subtracted from the delayed analog signal at the
input of TH3 to generate a first residue signal. TH2 provides an
analog pipeline delay to compensate for the digital delay of ADC1.
The first residue signal is applied to a second conversion stage
consisting of a 5-bit ADC2, 5-bit DAC2, and pipeline TH4.
The second DAC requires 10 bits of precision which is met by
the process with no trim. The input to TH5 is a second residue
signal generated by subtracting the quantized output of DAC2
from the first residue signal held by TH4. TH5 drives a final
6-bit ADC3.
The digital outputs from ADC1, ADC2, and ADC3 are added
together and corrected in the digital error correction logic to
generate the final output data. The result is a 14-bit parallel
digital CMOS-compatible word, coded as two’s complement.
USING THE FLEXIBLE INPUT
The AD10465 has been designed with the user’s ease of opera-
tion in mind. Multiple input configurations have been included
on board to allow the user a choice of input signal levels and
input impedance. While the standard inputs are
±0.5 V, ±1.0 V
and
±2.0 V, the user can select the input impedance of the


Số phần tương tự - AD10465AZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465PCB AD-AD10465PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Mô tả tương tự - AD10465AZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com