công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AME8750BEEY1825Z bảng dữ liệu(PDF) 2 Page - Asahi Kasei Microsystems

tên linh kiện AME8750BEEY1825Z
Giải thích chi tiết về linh kiện  Low-Dropout 150mA / 150mA Dual CMOS Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AKM [Asahi Kasei Microsystems]
Trang chủ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8750BEEY1825Z bảng dữ liệu(HTML) 2 Page - Asahi Kasei Microsystems

  AME8750BEEY1825Z Datasheet HTML 1Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME8750BEEY1825Z Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AME, Inc.
2
Low-Dropout
150mA / 150mA Dual CMOS Regulator
AME8750
n Pin Configuration
AME 8750AEEY
1. V
OUT2
2. GND
3. BYP
4. EN
5. V
IN
6. V
OUT1
* Die Attach:
Conductive Epoxy
SOT-26
Top View
SOT-26
Top View
AME 8750BEEY
1. V
OUT2
2. GND
3. EN1
4. EN2
5. V
IN
6. V
OUT1
* Die Attach:
Conductive Epoxy
1
3
2
6
4
5
AME8750
1
3
2
6
4
5
AME8750
n Pin Description
AME8750A
AME8750B
1
1
VOUT2
Regulator 2 Output. Sources up to 150mA continuous
current. Bypass with a 1
µF (< 0.5Ω typ ESR) capacitor to
GND.
2
2
GND
Ground. This pin also functions as heatsink. Solder to a
large pad or the circuit-board ground plane to maximize
thermal dissipation.
3
N/A
BYP
Reference Noise Bypass. Bypass with a low leakage 10nF
ceramic capacitor for reduced nise at both outputs.
N/A
3
EN1
Shutdown 1 Input. A logic low shuts down regulator 1.
If EN1 and EN2 are both low, both regulators and the
reference turn off. If either EN1 and EN2 is a logic high,
the reference is on. Connect to VIN for normal operation.
4
N/A
EN
Shutdown Input. A logic low shuts down both regulators.
Connect to VIN for normal operation.
N/A
4
EN2
Shutdown 2 Input. A logic low shuts down regulator 2.
If EN1 and EN2 are both low, both regulators and the
reference turn off. If either EN1 and EN2 is a logic high,
the reference is on. Connect to VIN for normal operation.
5
5
VIN
Regulator Input. Supply voltage can range from Higher
VOUT+VDROPOUT to 5.5V. This input also supplies the on-
chip reference. Bypass with 1
µF to GND.
6
6
VOUT1
Regulator 1 Output. Sources up to 150mA continuous
current. Bypass with a 1
µF (< 0.5Ω typ ESR) capacitor to
GND.
Pin Number
Pin Name
Description


Số phần tương tự - AME8750BEEY1825Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
AME8753AEZA2533Z AME-AME8753AEZA2533Z Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-AEY180280 AMETHERM-AME8755-AEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
AME8755-BEY180280 AMETHERM-AME8755-BEY180280 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
More results

Mô tả tương tự - AME8750BEEY1825Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
   DUAL 150mA LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LP2966 NSC-LP2966 Datasheet
456Kb / 15P
   Dual 150mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2966IMMX-3325 TI-LP2966IMMX-3325 Datasheet
1Mb / 21P
[Old version datasheet]   Dual 150mA Ultra Low-Dropout Regulator
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com