công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16973DLG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện 74ALVCH16973DLG4
Giải thích chi tiết về linh kiện  8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16973DLG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button 74ALVCH16973DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
OPERATING CHARACTERISTICS
(1)
SN74ALVCH16973
8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH
WITH FOUR INDEPENDENT BUFFERS
SCES435B – APRIL 2003 – REVISED SEPTEMBER 2004
T
A = 25°C
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
One fA = 10 MHz,
One fB = 10 MHz,
A outputs enabled,
TOE = GND,
Q outputs disabled,
12
14
19
LOE = VCC,
One A output switching
DIR = GND,
CL = 0 pF
One fA = 10 MHz,
One fB = 10 MHz,
B outputs enabled,
TOE = GND,
Q outputs disabled,
12
14
21
LOE = VCC,
One B output switching
DIR = GND,
Cpd(2)
Power dissipation
CL = 0 pF
pF
(each output)
capacitance
One fA = 10 MHz,
One fLE = 20 MHz,
Q outputs enabled,
One fQ = 10 MHz,
A and B I/Os isolated,
11
13
19
TOE = VCC,
One Q output switching
LOE = GND,
CL = 0 pF
One fD = 10 MHz,
One Y output switching,
One fY = 10 MHz,
A and B I/Os isolated,
TOE = VCC,
7
8
12
Q outputs disabled
LOE = VCC,
CL = 0 pF
One fA = 10 MHz,
A and B I/Os isolated,
One fLE = 20 MHz,
Power dissipation
Q outputs disabled,
fQ not switching,
Cpd (Z)
4
5
11
pF
capacitance
One LE and one A data
TOE = VCC,
input switching
LOE = VCC,
CL = 0 pF
fA not switching,
One fLE = 20 MHz,
A and B I/Os isolated,
Cpd(3)
Power dissipation
fQ not switching,
Q outputs disabled,
6
7
9
pF
(each LE)
capacitance
TOE = VCC,
One LE input switching
LOE = VCC,
CL = 0 pF
(1)
Total device Cpd for multiple (m) outputs switching and (n) LE inputs switching = [m * Cpd (each output)] + [n * Cpd (each LE)].
(2)
Cpd (each output) is the Cpd for each data bit (input and output circuitry) when it operates at 10 MHz (Note: the LE is operating at
20 MHz in this test, but its ICC component has been subtracted).
(3)
Cpd (each LE) is the Cpd for the clock circuitry only when it operates at 20 MHz.
7


Số phần tương tự - 74ALVCH16973DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVCH16901DGGRE4 TI-74ALVCH16901DGGRE4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16901DGGRG4 TI-74ALVCH16901DGGRG4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16903DGGRE4 TI-74ALVCH16903DGGRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGGRG4 TI-74ALVCH16903DGGRG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGVRE4 TI-74ALVCH16903DGVRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16973DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
logo
NXP Semiconductors
74ALVCH32973 PHILIPS-74ALVCH32973_15 Datasheet
181Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Rev. 3-17 January 2013
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LVCH32373A TI1-SN74LVCH32373A_13 Datasheet
794Kb / 13P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74ALVCH32373 IDT-IDT74ALVCH32373 Datasheet
116Kb / 7P
   3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162373 IDT-IDT74ALVCH162373 Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373 IDT-IDT74ALVCH16373 Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com