công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12T3 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện SS12T3
Giải thích chi tiết về linh kiện  12 V, 3 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor SS12T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NSS12200WT1G
http://onsemi.com
6
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NSS12200W/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Số phần tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Mô tả tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12100UW3TCG ONSEMI-NSS12100UW3TCG Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com