công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCDS-1403EX bảng dữ liệu(PDF) 8 Page - C&D Technologies

tên linh kiện ADCDS-1403EX
Giải thích chi tiết về linh kiện  14-Bit, 3 Megapixels/Second Imaging Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CANDD [C&D Technologies]
Trang chủ  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

ADCDS-1403EX bảng dữ liệu(HTML) 8 Page - C&D Technologies

  ADCDS-1403EX Datasheet HTML 1Page - C&D Technologies ADCDS-1403EX Datasheet HTML 2Page - C&D Technologies ADCDS-1403EX Datasheet HTML 3Page - C&D Technologies ADCDS-1403EX Datasheet HTML 4Page - C&D Technologies ADCDS-1403EX Datasheet HTML 5Page - C&D Technologies ADCDS-1403EX Datasheet HTML 6Page - C&D Technologies ADCDS-1403EX Datasheet HTML 7Page - C&D Technologies ADCDS-1403EX Datasheet HTML 8Page - C&D Technologies ADCDS-1403EX Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADCDS-1403
8
®®
Figure 11. ADCDS-1403 Timing Diagram
Figure 10. Reference Hold Timing
which is the difference between the "held" reference level
and its associated video level. When the "CDS Output" signal
has settled to the desired accuracy (user defined), the A/D
conversion process can be initiated with the rising edge of a
single start convert (Pin 25) signal.
Once the A/D conversion has been initiated, Reference Hold
(Pin 26) can be placed back into the "Acquisition" mode in
order to begin aquiring the next reference level. For optimal
performance the ADCDS-1403's internal sample-hold should
be placed back into the "Aquisition" mode (Reference Hold to
logic "0") during the CCD's "Reference Quiet Time"
("Reference Quiet Time" is defined as the period when the
CCD's reference signal has settled from all switching
transients to the desired accuracy (see Figure 10.)). Placing
the sample-hold back into the "aquisition" mode during the
"Reference Quiet Time" prevents the ADCDS-1403's internal
amplifiers from unecessarily tracking (reproducing) the large
switching transients that occur during the CCD's reset to
reference transition.
CCD
OU T P U T
RE F E RE N C E
HO L D
N o t e : F o r opt i m al per f o r m anc e ( F as t e s t A c qui s i t i on T i m e ) , t he A D C D S - 1 403 s houl d be pl ac ed i n t o t he A c qui s i t i on m ode ( R ef er enc e H o l d t o l ogi c " 0 " )
d u r i n g t h e CCD
o u t p u t ' s R e f e r e n c e " Q u i e t T i m e " . Re f e r e n c e " Q u i e t T i m e " i s d e f i n e d a s t h e p e r i o d wh e n t h e r e f e r e n c e s i gnal ' s s w i t c hi ng t r ans i ent s
hav e s e t t l ed t o an ac c ept a b l e ( us e r def i n e d ) ac c u r a c y .
HO L D
Re s e t
Vi d e o
R e f e r enc e
R e f e r enc e
" Q ui et T i m e "
100N S
M I N .
A c q u i s it io n T i m e
A c qui s i t i on m ode dur i ng
R e f e r enc e " Q ui et T i m e"
Re s e t N
R e s e t N + 1
Re s e t N+ 2
R e s e t N + 3
Re s e t N+ 4
N o t e : A s des c r i b ed i n F i gur e 1 0, t he 60ns m i n . i s dependant o n t he qual i t y of t he C C D ' s R ef er enc e w hen t he A DCDS - 1 4 0 3 i s s wi t c h e d b a c k i n t o t h e t r a c k m o d e
CCD
OU T P U T
ST AR T
CO NV E R T
RE F E RE NCE
HO L D
I N
CDS
OU T P U T
DA T A
OU T P U T
100ns m i n .
133ns m i n
120ns m i n s et t l i n g l i ne
F u ll S c a l e
St e p
150ns m i n
D A T A
N - 4 V A L ID
D A T A
N - 3 V A L ID
D A T A
N - 2 V A L ID
D A T A
N - 1 V A L ID
D A T A
N
V A L ID
20ns m i n
N
Re f N
Vi d e o N
R e f. N + 1
V i deo N + 1
100ns m i n .
333ns m i n .
120ns m i n . s e t t l i ng t i m e
150ns t y p .
20ns m ax
R e f. N
Vi d e o N
V i deo N + 1
R e f. N + 2
V i deo N + 1
V i deo N + 2
R e f. N + 3
V i deo N + 1
Vi d e o N + 3
R e f. N + 4
N+ 2
N+ 3
N
N+ 1
N+ 2
N+ 3
Ho l d
A c qui s i t i on
Ti m e
N+ 1
In v a l i d d a ta
3 0 n s m i n ., 5 0 n s m a x .
D A T A
VAL I D


Số phần tương tự - ADCDS-1403EX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADCDS-1403EX MURATA-PS-ADCDS-1403EX Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1403EX DATEL-ADCDS-1403EX Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
More results

Mô tả tương tự - ADCDS-1403EX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com