công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FTR-P4 bảng dữ liệu(PDF) 1 Page - Fujitsu Component Limited.

tên linh kiện FTR-P4
Giải thích chi tiết về linh kiện  COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P4 bảng dữ liệu(HTML) 1 Page - Fujitsu Component Limited.

  FTR-P4 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P4 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
FTR-P4 SERIES
(a)
Series Name
FTR-P4 Series
(b)
Contact Arrangement
C
: 1 Form C x 2 (H-Bridge)
(c)
Contact Gap
N
: 0.3mm gap
P
: 0.6mm gap
(d)
Nominal Coil Voltage
009
: 9VDC
010
: 10VDC
012
: 12VDC
(e)
Contact Material
W1
: Silver-tin oxide-indium
(f)
Custom Designation
Nil
: Standard (85˚C)
-01
: High temperature (125˚C)
FTR-P4
C
N
012 W1
***
[Example]
(a)
(b)
(c)
(d) (e)
(f)
s ORDERING INFORMATION
FTR-P4 Series
COMPACT POWER TWIN RELAY
1POLE X 2, H-BRIDGE—25A FOR AUTOMOTIVE
APPLICATIONS
Note: The part number stamped on the relay cover does not include "FTR".
Example: Ordering part number:
FTR-P4CN012W1
Stamped on part number: P4CN012W1
s FEATURES
q
Compact for high density packaging.
(60% volume of previous generation FBR512).
q
High contact capacity with proven contact material.
(100,000 operations, 14 V, 25 A achieved, even with reduced size).
q
Coil power savings
(600mW nominal achieved with state-of-the-art magnetic analysis/
design).
q
125˚C version is available.
q
Ease of PCB layout
(all terminals on perimeter, coil and contact terminals separated).
q
Pin compatible with low acoustic noise relay, FTR-P2.
q
Optional over-voltage circuit breaking capability
(0.6mm gap, contact our representative).
q
Packaging for auto-insertion
(tube packing, 30 relays/tube).
s TYPICAL APPLICATIONS
Power window
Power seat
Tilt steering
Door lock
Sun roof
Retractable antenna


Số phần tương tự - FTR-P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FTR-P4 FUJITSU-FTR-P4 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4CN009W1 FUJITSU-FTR-P4CN009W1 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4CN009W1-01 FUJITSU-FTR-P4CN009W1-01 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4CN010W1 FUJITSU-FTR-P4CN010W1 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4CN010W1-01 FUJITSU-FTR-P4CN010W1-01 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
More results

Mô tả tương tự - FTR-P4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
FTR-P4 FUJITSU-FTR-P4_09 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P2 FUJITSU-FTR-P2 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2 FUJITSU-FTR-P2_08 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
logo
American Zettler, Inc.
AZ9891H AZETTLER-AZ9891H Datasheet
118Kb / 2P
   25 AMP SUB-MICRO TWIN H-BRIDGE AUTOMOTIVE RELAY
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR562 FUJITSU-FBR562_09 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR512 FUJITSU-FBR512 Datasheet
62Kb / 7P
   COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com