công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDT-5145106 bảng dữ liệu(PDF) 4 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDT-5145106
Giải thích chi tiết về linh kiện  High Temperature 140-C Three Channel Optical Incremental Encoder Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDT-5145106 bảng dữ liệu(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDT-5145106 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDT-5145106 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Notes
Supply Current
ICC
30
57
85
mA
High Level Output Voltage
VOH
2.4
V
IOH = -100 µA min.
Low Level Output Voltage
VOL
0.4
V
IOL = 3.86 mA max.
Rise Time
tr
90
ns
CL = 25 pF
Fall Time
tf
80
ns
*Typical values specified at VCC = 5.0 V and 25°C.
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
TA
-40
140
°C
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Ripple < 100 mVp-p
Load Capacitance
CL
100
pF
2.7 k
Ω pull-up
Count Frequency
f
50
kHz
Velocity (rpm) x N/60
Shaft Perpendicularity
± 0.25
mm
6.9 mm (0.27 in.) from
Plus Axial Play
(
± 0.010)
(in.)
mounting surface
Shaft Eccentricity Plus
0.04
mm (in.)
6.9 mm (0.27 in.) from
Radial Play
(0.0015)
TIR
mounting surface
Note: The module performance is guaranteed to 50 kHz but can operate at higher frequencies.
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances
unless otherwise specified. Values are for the worst error over the full rotation of HEDS-514X and HEDS-
6145 codewheels.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Cycle Error
∆C5
10
°e
Pulse Width Error
∆P7
30
°e
Logic State Width Error
∆S5
30
°e
Phase Error
∆φ
215
°e
Position Error
∆Θ
10
40
min. of arc
Index Pulse Width
PO
60
90
120
°e
CH. I rise after CH. B or CH. A fall
t1
20
430
1490
ns
CH. I fall after CH. A or CH. B rise
t2
40
250
620
ns
Note: Module mounted on tolerance circle of
± 0.13 mm (± 0.005 in.) radius referenced from module Side A aligning recess centers. 2.7
k
Ω pull-up resistors used on all encoder module outputs.
RL = 2.7 kΩ pull-up


Số phần tương tự - HEDT-5145106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9001-A00 HP-HEDT-9001-A00 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9040 AVAGO-HEDT-9040 Datasheet
322Kb / 10P
   Two Channel Quadrature Output with Index Pulse
logo
Agilent(Hewlett-Packard...
HEDT-9100 HP-HEDT-9100 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDT-5145106

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com