công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2747MTC bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2747MTC
Giải thích chi tiết về linh kiện  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2747MTC bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2747MTC Datasheet HTML 6Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 7Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 8Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 9Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 10Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 11Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 12Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 13Page - National Semiconductor (TI) LM2747MTC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Application Information (Continued)
target values at the same time. For this case, the equation
governing the values of the tracking divider resistors R
T1 and
R
T2 is:
The current through R
T1 should be about 4 mA for precise
tracking. The final voltage of the SS/TRACK pin should be
set higher than the feedback voltage of 0.6V (say about
0.65V as in the above equation). If the master supply voltage
was 5V and the LM2747 output voltage was 1.8V, for ex-
ample, then the value of R
T1 needed to give the two supplies
identical soft-start times would be 150
Ω. A timing diagram for
the equal soft-start time case is shown in Figure 4.
TRACKING A VOLTAGE SLEW RATE
The tracking feature can alternatively be used not to make
both rails reach regulation at the same time but rather to
have similar rise rates (in terms of output dV/dt). This
method ensures that the output voltage of the LM2747 al-
ways reaches regulation before the output voltage of the
master supply. In this case, the tracking resistors can be
determined based on the following equation:
For the example case of V
OUT1 = 5V and VOUT2 = 1.8V, with
R
T1 set to 150
Ω as before, R
T2 is calculated from the above
equation to be 265
Ω. A timing diagram for the case of equal
slew rates is shown in Figure 5.
SEQUENCING
The start up/soft-start of the LM2747 can be delayed for the
purpose of sequencing by connecting a resistor divider from
the output of a master power supply to the SD pin, as shown
in Figure 6.
A desired delay time t
DELAY between the startup of the
master supply output voltage and the LM2747 output voltage
can be set based on the SD pin low-to-high threshold V
SD-IH
and the slew rate of the voltage at the SD pin, SR
SD:
t
DELAY =VSD-IH /SRSD
Note again, that in Figure 6, the LM2747’s output voltage
has been represented symbolically as V
OUT2, i.e. without
explicitly showing the power components.
V
SD-IH is typically 1.08V and SRSD is the slew rate of the SD
pin voltage. The values of the sequencing divider resistors
R
S1 and RS2 set the SRSD based on the master supply
output voltage slew rate, SR
OUT1, using the following equa-
tion:
20150908
FIGURE 4. Tracking with Equal Soft-Start Time
20150910
FIGURE 5. Tracking with Equal Slew Rates
20150914
FIGURE 6. Sequencing Circuit
www.national.com
10


Số phần tương tự - LM2747MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2747MTC/NOPB TI-LM2747MTC/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
LM2747MTCX/NOPB TI-LM2747MTCX/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
More results

Mô tả tương tự - LM2747MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com