công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDT-5145102 bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDT-5145102
Giải thích chi tiết về linh kiện  High Temperature 140-C Three Channel Optical Incremental Encoder Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDT-5145102 bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HEDT-5145102 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDT-5145102 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Mounting the HEDT-9140
with an Alignment Tool
The HEDS-8905 alignment tool is
recommended for mounting the
HEDT-9140 module with Side B
as the mounting plane. This tool
can only be used when the HEDT-
9140 module is mounted with the
HEDS-5140 (codewheel with
hub). The HEDS-8905 tool fixes
the module position using the
codewheel hub as a reference. It
will not work if Side A is used as
the mounting plane.
The following assembly procedure
uses the HEDS-8905 alignment
tool to mount an HEDT-9140
module and an HEDS-5140
codewheel:
Instructions:
1. Place codewheel on shaft.
2. Set codewheel height: (a) place
alignment tool on motor base
(pins facing up) flush up against
the motor shaft as shown in
Figure 3. (b) Push codewheel
down against alignment tool. The
codewheel is now at the proper
height. (c) Tighten codewheel
setscrew and remove alignment
tool.
Some motors have a boss around
the shaft that extends above the
mounting plane. In this case, the
alignment tool cannot be used as
a gage block to set the codewheel
height as described in 2(a), (b),
and (c). If boss is above
mounting plane:
Slide module
onto motor base, adjusting height
of codewheel so that it sits
approximately in the middle of
module slot. Lightly tighten set-
screw. The codewheel height will
be more precisely set in step 5.
3. Insert mounting screws
through module and thread into
the motor base. Do not tighten
screws.
4. Slide alignment tool over
codewheel hub and onto module
as shown in Figure 4. The pins of
the alignment tool should fit
snugly inside the alignment
recesses of the module.
If boss is above mounting plane:
The pins of the tool may not mate
properly because the codewheel is
too high on the shaft. Loosen
codewheel setscrew and lower
codewheel slightly. Retighten
setscrew lightly and attempt this
step again.
5. While holding alignment tool in
place, tighten screws down to
secure module.
If boss is above mounting plane:
Push codewheel up flush against
alignment tool to set codewheel
height. Tighten codewheel
setscrew.
6. Remove alignment tool.
Figure 3. Alignment Tool is Used to Set Height of
Codewheel.
Figure 4. Alignment Tool is Placed over Shaft and onto
Codewheel Hub. Alignment Tool Pins Mate with Aligning
Recesses on Module.


Số phần tương tự - HEDT-5145102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9001-A00 HP-HEDT-9001-A00 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9040 AVAGO-HEDT-9040 Datasheet
322Kb / 10P
   Two Channel Quadrature Output with Index Pulse
logo
Agilent(Hewlett-Packard...
HEDT-9100 HP-HEDT-9100 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDT-5145102

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com