công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDT-9141100 bảng dữ liệu(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HEDT-9141100 bảng dữ liệu(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 10 page 5 Mechanical Characteristics Part No. Parameter Dimension Tolerance Units HEDS-5140 Codewheel Available 2 3 4 +0.000 mm 11.00 mm optical to Fit These Standard 5 6 8 -0.015 radius codewheel Shaft Diameters 5/32 1/8 +0.000 in. 3/16 1/4 -0.0007 Moment of Inertia 0.6 (8.0 x 10-6) g-cm2 (oz-in-s2) Note: The tolerance requirements are on the mating shaft, not on the codewheel. Electrical Interface To insure reliable encoding performance, the HEDT-9040 and 9140 three channel encoder modules require 2.7 k Ω (± 10%) pull-up resistors on output pins 2, 3, and 5 (Channels I, A, and B) as shown in Figure 1. These pull-up resistors should be located in close proximity of the encoder module (within 4 feet). Each of the three encoder module outputs can drive a single TTL load in this configuration. Mounting Considerations Figure 2 shows a mounting tolerance requirement for proper operation of the HEDT-9040 and HEDT-9140. The Aligning Recess Centers must be located within a tolerance circle of 0.13 mm (0.005 in.) radius from the nominal locations. This tolerance must be maintained whether the module is mounted with Side A as the mounting plane using aligning pins (see Figure 5), or mounted with Side B as the mounting plane using an alignment tool (see Figures 3 and 4). Figure 1. Pull-up Resistors on HEDT-9X40 Encoder Module Outputs. Figure 2. HEDT-9X40 Mounting Tolerance. |
Số phần tương tự - HEDT-9141100 |
|
Mô tả tương tự - HEDT-9141100 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |