công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL150EM-1 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADXL150EM-1
Giải thích chi tiết về linh kiện  ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL150EM-1 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADXL150EM-1 Datasheet HTML 1Page - Analog Devices ADXL150EM-1 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADXL105/ADXL150/ADXL250/ADXL190
Evaluation Modules
ADXL105EM-1, ADXL105EM-3, ADXL150EM-1, ADXL150EM-3, ADXL190EM-1
FEATURES
High Performance Prepackaged Accelerometers
Complete Acceleration Measurement System
Small, Low Cost, Ready-to-Use
4
g,
10
g, 100 Hz Single and Multiaxis Versions
Wide Dynamic Range:
100
g Single Axis
Low Power Supply Current
+5 V Single Supply Operation
Easy Screw-Down/Bolt-Down Mounting
APPLICATIONS
Vibration Analysis, Seismic and Earthquake Monitor-
ing, Crash Sensing, Robotic Applications, Shipping
and Transportation Shock Monitoring, Active Sus-
pension Applications, Medical Analysis, Active Sound
Cancellation, and Much More
GENERAL DESCRIPTION
The ADXL105EM, ADXL150EM, and ADXL190EM evaluation
modules provide a complete acceleration measurement system in
a low cost package. These modules simplify the evaluation and
testing of our ADXL105/ADXL150/ADXL190/ADXL250
monolithic accelerometer ICs.
The ADXL105, ADXL150, ADXL190 (single) and ADXL250
(dual axis) accelerometers offer low noise and high signal-to-noise
ratios. In addition, the scale factor and 0 g output level are both
ratiometric to the power supply so the accelerometer and any fol-
lowing circuitry (such as an ADC, etc.) will track each other if
the supply voltage varies.
Each module contains one or more ADXL105, ADXL150, or
ADXL190 series accelerometers precalibrated to a convenient
output scale factor with onboard low-pass filtering.
All that is required to use these modules is a +5 volt power sup-
ply. The module should be attached (i.e., screwed or glued
down) securely to the object being measured, taking care that
the axis of sensitivity, indicated by the large arrow on the top of
the module, is aligned with the expected acceleration.
Modules are available in other package styles (such as rug-
gedized metallic box) and in other g ranges from our third party
partners. See our web site at: www.analog.com/imems/ for more
information.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.75 (19.05)
36.0
(914.4)
TYP
1.00
(25.4)
1.375
(34.93)
1.875
(47.63)
1.0
(25.4)
0.188 (4.78) DIA
FUNCTION
+5VDC
COM RTN
A1 (X) OUT
A2 (Y) OUT
A3 (Z) OUT
COLOR
RED
BLACK
WHITE
YELLOW
GREEN
PIN #
1
2
3
4
5
CABLE SIGNAL COLOR CODE
0.25 (6.35) R
0.188 (4.78)
DIA
1.00 (25.4)
1.375 (34.93)
1.875 (47.63)
1.00
(25.4)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Số phần tương tự - ADXL150EM-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL150AQC AD-ADXL150AQC Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
ADXL150JQC AD-ADXL150JQC Datasheet
341Kb / 15P
   -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV. 0
More results

Mô tả tương tự - ADXL150EM-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
u-blox AG
EVK-NINA-B1 U-BLOX-EVK-NINA-B1 Datasheet
1Mb / 21P
   Evaluation kit for NINA-B1 modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
EVK-NORA-B1 U-BLOX-EVK-NORA-B1 Datasheet
2Mb / 32P
   Evaluation kit for NORA-B1 series modules
logo
Texas Instruments
TPS62160EVM-627 TI1-TPS62160EVM-627 Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
[Old version datasheet]   TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
National Semiconductor ...
LMZ23610 NSC-LMZ23610 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
logo
Infineon Technologies A...
MA070E12EVAL INFINEON-MA070E12EVAL Datasheet
974Kb / 17P
   AN2012-08 Evaluation Adapter Board for 62mm Half Bridge IGBT Modules
V1.0 December 2012
XED100E12F2 INFINEON-XED100E12F2 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
logo
National Semiconductor ...
LMZ1420XEXT NSC-LMZ1420XEXT Datasheet
748Kb / 10P
   Evaluation Board power modules are easy-to-use DC-DC solution
logo
IQD Frequency Products ...
IQCM-EV IQD-IQCM-EV Datasheet
682Kb / 1P
   Designed to allow simplified testing and evaluation of the clock modules
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com