công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC601KG bảng dữ liệu(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC601KG
Giải thích chi tiết về linh kiện  12-Bit 900ns ANALOG-TO-DIGITAL CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC601KG bảng dữ liệu(HTML) 4 Page - Burr-Brown (TI)

  ADC601KG Datasheet HTML 1Page - Burr-Brown (TI) ADC601KG Datasheet HTML 2Page - Burr-Brown (TI) ADC601KG Datasheet HTML 3Page - Burr-Brown (TI) ADC601KG Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
®
ADC601
PIN NUMBER
DESIGNATION
DESCRIPTION
1-6 and 11-16
Bit 1 to Bit 12
12-bit parallel output data capable of sinking 3.2mA.
9
Serial Out
12-bit serial data output synchronized with the negative edge of each appropriate clock cycle.
10
Status
Conversion status strobe is high during data conversion; low when parallel data is valid. Negative edge may
be used to latch parallel data, however, appropriate latch set-up time must be provided. Refer to t
BBL in the
ADC601 timing diagram.
17
Clock Out
Negative edge indicates when serial data is valid. After convert command goes high, fist cycle clocks bit 1
(MSB). The clock continues to run when convert command is high and resets low with convert command.
18
Convert Command
High transition starts conversion; and should remain high during conversion. Low will reset clock and SAR
logic.
19
Clock Rate Control
May be used to increase clock speed, by increasing the positive portion of the clock. High is normal operation.
24
20V Input
20V input range allows
±10Vp-p analog input signal. Short to ground when not used.
25
10V Input
10V input range allows 0 to –10Vp-p or
±5Vp-p input range.
26
Comparator In
Only used in bipolar mode when it is connected to bipolar offset pin through short lead with low resistance.
27
Ground Sense
Ground Sense pin. (See text for use).
29
Bipolar Offset Current
Bipolar offset current short to comparator In through very short lead with very low resistance for bipolar
operation. Short to ground for unipolar operation.
PIN CONFIGURATION
PIN DEFINITIONS
(1) NC = No internal connection. Any voltage may be connected to pin 31, however.
(2) Pin 22 must be very cleanly decoupled to keep digital noise out of the analog circuits.
Clock
Reference
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(MSB) Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
+V
(+5V) Digital
Common (Digital)
Serial Out
Status
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Common (Analog)
NC
–V
(–15V) Analog
Bipolar Offset Current
Common (Analog)
Ground Sense
Comparator Input
10V Input
20V Input
–V
(–15V) Analog
+V
(+5V) Digital
Common (Digital)
+V
(+15V) Analog
Clock Rate Control
Convert Command
Clock Out
545
1k
DD
CC
CC
DD
CC
CMOS
Bipolar
(1)
(2)
+
2k


Số phần tương tự - ADC601KG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603JH BURR-BROWN-ADC603JH Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603KH BURR-BROWN-ADC603KH Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603SHQ BURR-BROWN-ADC603SHQ Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADC601KG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com