công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC601JG bảng dữ liệu(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC601JG
Giải thích chi tiết về linh kiện  12-Bit 900ns ANALOG-TO-DIGITAL CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC601JG bảng dữ liệu(HTML) 1 Page - Burr-Brown (TI)

  ADC601JG Datasheet HTML 1Page - Burr-Brown (TI) ADC601JG Datasheet HTML 2Page - Burr-Brown (TI) ADC601JG Datasheet HTML 3Page - Burr-Brown (TI) ADC601JG Datasheet HTML 4Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Duolithic™ Burr-Brown Corporation
12-Bit 900ns
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q FAST CONVERSION: 900ns
q CAN BE SHORT-CYCLED
q INPUT RANGES:
±5V, ±10V, 0 to –10V
q HIGH SIGNAL/NOISE RATIO: 68dB
q LOW IMD: 75dB
q PARALLEL AND SERIAL OUTPUT
q 32-PIN CERAMIC DIP PACKAGE
APPLICATIONS
q DIGITAL SIGNAL PROCESSING
q HIGH-SPEED DATA ACQUISITION
SYSTEMS
q MEDICAL INSTRUMENTATION
q ANALYTICAL INSTRUMENTATION
q TEST AND IMAGING SYSTEMS
q WAVEFORM ANALYZERS
DESCRIPTION
The ADC601 is a high-speed Duolithic™ (two chips)
successive approximation analog-to-digital converter.
This unique two-chip design utilizes a bipolar technol-
ogy with on-chip thin film resistors to preserve analog
accuracy and a high-speed CMOS chip to perform
digital logic control. Outstanding linearity, noise, and
dynamic range are achieved by this converter design.
The ADC601 has been tested with several sample/hold
amplifiers and distortion results are documented in this
data sheet.
The ADC601 is complete with internal reference, clock,
and comparator and is packaged in a 32-pin ceramic
DIP. Conversion time is set at the factory to 900ns.
Serial and parallel output performance is guaranteed
with no missing codes over the full input voltage,
power supply, and operating temperature range. The
gain and offset errors are laser trimmed to specifica-
tion. Optionally they may be externally adjusted to
zero.
Internal scaling resistors are provided for the selection
of analog signal input ranges of
±5V, ±10V and 0V to
–10V. The ADC601’s input is specifically designed to
be easily driven with minimal disturbance to the driv-
ing amplifier.
Output codes are available in complementary binary
for unipolar inputs and bipolar offset binary for bipolar
inputs.
All digital inputs and outputs are TTL-compatible.
Power supply requirements are
±15V and +5V.
12-Bit
Successive Approx
Register (SAR)
Clock
Parallel
Digital
Output
Clock Rate Control
Clock Out
Status
Serial Out
Bipolar Offset
Comparator In
Input
Range Select
Convert
Command
Comparator
+
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1989 Burr-Brown Corporation
PDS-867C
Printed in U.S.A. March, 1992
ADC601


Số phần tương tự - ADC601JG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603JH BURR-BROWN-ADC603JH Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603KH BURR-BROWN-ADC603KH Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC603SHQ BURR-BROWN-ADC603SHQ Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADC601JG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com