công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2331LSLDX bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2331LSLDX
Giải thích chi tiết về linh kiện  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2331LSLDX bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMX2331LSLDX Datasheet HTML 1Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 2Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 3Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 4Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 5Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 6Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 7Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 8Page - National Semiconductor (TI) LMX2331LSLDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions
Pin No.
LMX233XLSLD
20-pin Thin
CSP Package
Pin No.
LMX233XLSLB
24-pin CSP
Package
Pin No.
LMX233XLTM
20-pin TSSOP
Package
Pin
Name
I/O
Description
20
24
1
V
CC1
Power supply voltage input for RF analog and RF digital circuits.
Input may range from 2.7V to 5.5V. V
CC1 must equal VCC2.
Bypass capacitors should be placed as close as possible to this
pin and be connected directly to the ground plane.
122
V
P1
Power Supply for RF charge pump. Must be
≥ V
CC.
233
D
o RF
O
Internal charge pump output. For connection to a loop filter for
driving the input of an external VCO.
3
4
4
GND
Ground for RF digital circuitry.
455
f
IN RF
I
RF prescaler input. Small signal input from the VCO.
566
f
IN RF
I
RF prescaler complementary input. A bypass capacitor should
be placed as close as possible to this pin and be connected
directly to the ground plane. Capacitor is optional with some loss
of sensitivity.
6
7
7
GND
Ground for RF analog circuitry.
788
OSC
in
I
Oscillator input. The input has a V
CC/2 input threshold and can
be driven from an external CMOS or TTL logic gate.
8
10
9
GND
Ground for IF digital, MICROWIRE,F
oLD, and oscillator
circuits.
911
10
F
oLD
O
Multiplexed output of the RF/IF programmable or reference
dividers, RF/IF lock detect signals and Fastlock mode. CMOS
output
(see Programmable Modes).
10
12
11
Clock
I
High impedance CMOS Clock input. Data for the various
counters is clocked in on the rising edge, into the 22-bit shift
register.
11
14
12
Data
I
Binary serial data input. Data entered MSB first. The last two bits
are the control bits. High impedance CMOS input.
12
15
13
LE
I
Load enable high impedance CMOS input. When LE goes HIGH,
data stored in the shift registers is loaded into one of the 4
appropriate latches (control bit dependent).
13
16
14
GND
Ground for IF analog circuitry.
14
17
15
f
IN IF
I
IF prescaler complementary input. A bypass capacitor should be
placed as close as possible to this pin and be connected directly
to the ground plane. Capacitor is optional with some loss of
sensitivity.
15
18
16
f
IN RF
I
IF prescaler input. Small signal input from the VCO.
16
19
17
GND
Ground for IF digital, MICROWIRE, F
oLD, and oscillator circuits.
17
20
18
D
o IF
O
IF charge pump output. For connection to a loop filter for driving
the input of an external VCO.
18
22
19
V
P2
Power Supply for IF charge pump. Must be
≥ V
CC.
19
23
20
V
CC2
Power supply voltage input for IF analog, IF digital,
MICROWIRE, F
oLD, and oscillator circuits. Input may range from
2.7V to 5.5V. V
CC2 must equal VCC1. Bypass capacitors should
be placed as close as possible to this pin and be connected
directly to the ground plane.
X
1, 9, 13, 21
X
NC
No connect.
www.national.com
3


Số phần tương tự - LMX2331LSLDX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2331LSLB NSC-LMX2331LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2331LSLDX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com