công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9887A bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD9887A
Giải thích chi tiết về linh kiện  Dual Interface for Flat Panel Displays
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9887A bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD9887A Datasheet HTML 2Page - Analog Devices AD9887A Datasheet HTML 3Page - Analog Devices AD9887A Datasheet HTML 4Page - Analog Devices AD9887A Datasheet HTML 5Page - Analog Devices AD9887A Datasheet HTML 6Page - Analog Devices AD9887A Datasheet HTML 7Page - Analog Devices AD9887A Datasheet HTML 8Page - Analog Devices AD9887A Datasheet HTML 9Page - Analog Devices AD9887A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
REV. 0
–6–
AD9887A–SPECIFICATIONS
DIGITAL INTERFACE (V
D = 3.3 V, VDD = 3.3 V, Clock = Maximum.)
Test
AD9887AKS
Parameter
Conditions
Temp Level Min Typ
Max
Unit
RESOLUTION
8Bits
DC DIGITAL I/O SPECIFICATIONS
High Level Input Voltage (VIH)
Full
VI
2.6
V
Low Level Input Voltage (VIL)
Full
VI
0.8
V
High Level Output Voltage (VOH)
Full
VI
2.4
V
Low Level Output Voltage (VOL)
Full
VI
0.4
V
Input Clamp Voltage (VCINL)(ICL = –18 mA)
IV
GND – 0.8
V
Input Clamp Voltage (VCIPL)(ICL = +18 mA)
IV
VDD + 0.8
V
Output Clamp Voltage (VCONL)(ICL = –18 mA)
IV
GND – 0.8
V
Output Clamp Voltage (VCOPL)(ICL = +18 mA)
IV
VDD + 0.8
V
Output Leakage Current (IOL)(High Impedance)
Full
IV
–10
+10
µA
DC SPECIFICATIONS
Output High Drive
Output Drive = High
Full
IV
13
mA
(IOHD) (VOUT = VOH)
Output Drive = Med
Full
IV
8
mA
Output Drive = Low
Full
IV
5
mA
Output Drive = High
Full
IV
–9mA
(IOLD) (VOUT = VOL)
Output Drive = Med
Full
IV
–7mA
Output Drive = Low
Full
IV
–5mA
Output Drive = High
Full
IV
25
mA
(VOHC) (VOUT = VOH)
Output Drive = Med
Full
IV
12
mA
Output Drive = Low
Full
IV
8
mA
DATACK Low Drive
Output Drive = High
Full
IV
–25
mA
(VOLC) (VOUT = VOL)
Output Drive = Med
Full
IV
–19
mA
Output Drive = Low
Full
IV
–8mA
Differential Input Voltage Single-Ended Amplitude
Full
IV
75
800
mV
POWER SUPPLY
VD Supply Voltage
Full
IV
3.15 3.3
3.45
V
VDD Supply Voltage
Minimum Value for 2 Pixels per
Clock Mode
Full
IV
2.2
3.3
3.45
V
PVD Supply Voltage
Full
IV
3.15 3.3
3.45
V
ID Supply Current
1
25
°C V
350
mA
IDD Supply Current
1, 2
25
°C V40
mA
IPVD Supply Current
1
25
°C IV
130
mA
Total Supply Current with HDCP
1, 2
VI
520
560
mA
AC SPECIFICATIONS
Intrapair (+ to –) Differential Input Skew (TDPS)
Full
IV
360
ps
Channel-to-Channel Differential Input Skew (TCCS)
Full
IV
1.0
Clock
Period
Low-to-High Transition Time for Data and
Output Drive = High; CL = 10 pF
Full
IV
2.5
ns
Controls (DLHT)
Output Drive = Med; CL = 7 pF
Full
IV
3.1
ns
Output Drive = Low; CL = 5 pF
Full
IV
5.4
ns
Low-to-High Transition Time for DATACK (DLHT)
Output Drive = High; CL = 10 pF
Full
IV
1.2
ns
Output Drive = Med; CL = 7 pF
Full
IV
1.6
ns
Output Drive = Low; CL = 5 pF
Full
IV
2.3
ns
High-to-Low Transition Time for Data (DHLT)
Output Drive = High; CL = 10 pF
Full
IV
2.6
ns
Output Drive = Med; CL = 7 pF
Full
IV
3.0
ns
Output Drive = Low; CL = 5 pF
Full
IV
3.7
ns


Số phần tương tự - AD9887A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9887A AD-AD9887A Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKS-170 AD-AD9887AKS-170 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

Mô tả tương tự - AD9887A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9883 AD-AD9883 Datasheet
177Kb / 24P
   110 MSPS Analog Interface for Flat Panel Displays
REV. 0
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com