công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6526 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LMH6526
Giải thích chi tiết về linh kiện  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6526 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LMH6526 Datasheet HTML 1Page - National Semiconductor (TI) LMH6526 Datasheet HTML 2Page - National Semiconductor (TI) LMH6526 Datasheet HTML 3Page - National Semiconductor (TI) LMH6526 Datasheet HTML 4Page - National Semiconductor (TI) LMH6526 Datasheet HTML 5Page - National Semiconductor (TI) LMH6526 Datasheet HTML 6Page - National Semiconductor (TI) LMH6526 Datasheet HTML 7Page - National Semiconductor (TI) LMH6526 Datasheet HTML 8Page - National Semiconductor (TI) LMH6526 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMH6525/LMH6526
Four–Channel Laser Diode Driver with Dual Output
General Description
The LMH6525/6526 is a laser diode driver for use in
combination DVD/CD recordable and rewritable systems.
The part contains two high-current outputs for reading and
writing the DVD (650 nm) and CD (780 nm) lasers. Func-
tionality includes read, write and erase through four separate
switched current channels. The channel currents are
summed together at the selected output to generate multi-
level waveforms for reading, writing and erasing of optical
discs. The LVDS interface delivers DVD write speeds of 16x
and higher while minimizing noise and crosstalk. The
LMH6525/6526 is optimized for both speed and power con-
sumption to meet the demands of next generation systems.
The part features a 150 mA read channel plus one 300 mA
and two 150 mA write channels, which can be summed to
allow a total output current of 600 mA or greater. The chan-
nel currents are set through four independent current inputs.
An on-board High-Frequency Modulator (HFM) oscillator
helps reduce low-frequency noise of the laser and is enabled
by applying LVDS levels on the ENOSC pins for the
LMH6525, while the LMH6526 is enabled by applying an
asymmetrical signal on the ENOSC pin. The fully differential
oscillator circuit minimizes supply line noise, easing FCC
approval of the overall system. The SELA/B pin (active
HIGH) selects the output channel and oscillator settings.
External resistors determine oscillator frequency and ampli-
tude for each setting. The write and erase channels can be
switched on and off through dedicated LVDS interface pins.
Features
n
Fast switching: Rise and fall times: 0.6/1.0 ns.
n
Low Voltage Differential Signaling (LVDS) channels
enable interface for the fast switching lines
n
Low output current noise: 0.24 nA/
n
Dual Output: Selectable by SELA/B pin (active HIGH)
SELA = LMH6526
SELB = LMH6525
n
Four independent current channels
Gain of 300, 300 mA write channel
Gain of 150, 150 mA low-noise read channel
Two gain of 150, 150 mA write channels
600 mA minimum combined output current
n
Integrated AC Coupled HFM Oscillator
Selectable frequency and amplitude setting
by external resistors
200 MHz to 600 MHz frequency range
Amplitude to 100 mA peak-to-peak modulation
n
Complete shutdown by ENABLE pin
n
5V single-supply operation
n
Logic inputs TTL and CMOS compatible
n
Space saving Leadless Leadframe Package (LLP®-28)
n
LMH6525 has differential enable oscillator inputs
n
LMH6526 has single ended enable oscillator inputs
Applications
n
Combination DVD/CD recordable and rewritable drives
n
DVD camcorders
n
DVD recorders
Block Diagrams
20110108
20110109
LLP® is a registered trademark of National Semiconductor.
LMHis a trademark of National Semiconductor Corporation.
June 2005
© 2005 National Semiconductor Corporation
DS201101
www.national.com


Số phần tương tự - LMH6526

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6526SP/NOPB TI1-LMH6526SP/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results

Mô tả tương tự - LMH6526

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
   Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
   4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
AD9664 AD-AD9664 Datasheet
89Kb / 2P
   4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
Rev. SpA
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com