công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS5A4624DCKTE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
TS5A4624DCKTE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 24 page www.ti.com FEATURES APPLICATIONS DESCRIPTION IN 2 3 1 V+ GND NC NO COM 5 6 4 TS5A4624 1- Ω SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SLYS014 – DECEMBER 2005 • Cell Phones • Isolation in Power-Down Mode, V+ = 0 • PDAs • Specified Break-Before-Make Switching • Portable Instrumentation • Low ON-State Resistance (1 Ω) • Audio and Video Signal Routing • Control Inputs Are 5.5-V Tolerant • Low-Voltage Data-Acquisition Systems • Low Charge Injection • Communication Circuits • Excellent ON-State Resistance Matching • Modems • Low Total Harmonic Distortion (THD) • Hard Drives • 1.65-V to 5.5-V Single-Supply Operation • Computer Peripherals • Latch-Up Performance Exceeds 100 mA • Wireless Terminals and Peripherals Per JESD 78, Class II • ESD Performance Tested Per JESD – 2000-V Human-Body Model (A114-B, Class II) – 1000-V Charged-Device Model (C101) The TS5A4624 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to 5.5 V. The device offers low ON-state resistance and excellent ON-state resistance matching with the break-before-make feature, to prevent signal distortion during the transferring of a signal from one channel to another. The device has an excellent total harmonic distortion (THD) performance and consumes very low power. These features make this device suitable for portable audio applications. SOT-23 (TOP VIEW) Switches are shown for logic 0 input. FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - TS5A4624DCKTE4 |
|
Mô tả tương tự - TS5A4624DCKTE4 |