công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S12DT128BMPV bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC9S12DT128BMPV
Giải thích chi tiết về linh kiện  MC9S12DT128B
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S12DT128BMPV bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC9S12DT128BMPV Datasheet HTML 2Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 3Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 4Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 5Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 6Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 7Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 8Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 9Page - Motorola, Inc MC9S12DT128BMPV Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 124 page
background image
MC9S12DT128B Device User Guide — V01.07
6
Section 7 Clock and Reset Generator (CRG) Block Description . . . . . . . . . 75
7.1
Device-specific information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
7.1.1
XCLKS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
Section 8 Enhanced Capture Timer (ECT) Block Description . . . . . . . . . . . . 75
Section 9 Analog to Digital Converter (ATD) Block Description. . . . . . . . . . 75
Section 10 Inter-IC Bus (IIC) Block Description . . . . . . . . . . . . . . . . . . . . . . . 75
Section 11 Serial Communications Interface (SCI) Block Description. . . . . 75
Section 12 Serial Peripheral Interface (SPI) Block Description . . . . . . . . . . 76
Section 13 J1850 (BDLC) Block Description. . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 14 Byteflight (BF) Block Description . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 15 Pulse Width Modulator (PWM) Block Description . . . . . . . . . . . . 76
Section 16 Flash EEPROM 128K Block Description . . . . . . . . . . . . . . . . . . . 76
Section 17 EEPROM 2K Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Section 18 RAM Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Section 19 MSCAN Block Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Section 20 Port Integration Module (PIM) Block Description . . . . . . . . . . . . 77
Section 21 Voltage Regulator (VREG) Block Description . . . . . . . . . . . . . . . 77
Section 22 Printed Circuit Board Layout Proposal . . . . . . . . . . . . . . . . . . . . 78
Appendix A Electrical Characteristics
A.1
General. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
A.1.1
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
A.1.2
Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .83


Số phần tương tự - MC9S12DT128BMPV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   8-bit and 4-bit ports with interrupt functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com