công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN3383 bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor

tên linh kiện FIN3383
Giải thích chi tiết về linh kiện  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3383 bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN3383 Datasheet HTML 3Page - Fairchild Semiconductor FIN3383 Datasheet HTML 4Page - Fairchild Semiconductor FIN3383 Datasheet HTML 5Page - Fairchild Semiconductor FIN3383 Datasheet HTML 6Page - Fairchild Semiconductor FIN3383 Datasheet HTML 7Page - Fairchild Semiconductor FIN3383 Datasheet HTML 8Page - Fairchild Semiconductor FIN3383 Datasheet HTML 9Page - Fairchild Semiconductor FIN3383 Datasheet HTML 10Page - Fairchild Semiconductor FIN3383 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
www.fairchildsemi.com
Transmitter AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified.
Note 13: Outputs of all transmitters stay in 3-STATE until power reaches 2V. Both clock and data output begins to toggle 10ms after VCC reaches 3V and
Power-Down pin is above 1.5V.
Note 14: This output data pulse position works for TTL inputs except the LVDS output bit mapping difference (see Figure 14). Figure 16 shows the skew
between the first data bit and clock output. Also 2-bit cycle delay is guaranteed when the MSB is output from transmitter.
Note 15: This jitter specification is based on the assumption that PLL has a ref clock with cycle-to-cycle input jitter less than 2ns.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tTCP
Transmit Clock Period
See Figure 5
11.76
T
50.0
ns
tTCH
Transmit Clock (TxCLKIn) HIGH Time
0.35
0.5
0.65
T
tTCL
Transmit Clock Low Time
0.35
0.5
0.65
T
tCLKT
TxCLKIn Transition Time (Rising and Failing)
(10% to 90%) See Figure 6
1.0
6.0
ns
tJIT
TxCLKIn Cycle-to-Cycle Jitter
3.0
ns
tXIT
TxIn Transition Time
1.5
6.0
ns
LVDS Transmitter Timing Characteristics
tTLH
Differential Output Rise Time (20% to 80%)
See Figure 4
0.75
1.5
ns
tTHL
Differential Output Fall Time (80% to 20%)
0.75
1.5
ns
tSTC
TxIn Setup to TxCLNIn
See Figure 5 (f
85 MHz)
2.5
ns
tHTC
TxIn Holds to TCLKIn
0ns
tTPDD
Transmitter Power-Down Delay
See Figure 12, (Note 13)
100
ns
tTCCD
Transmitter Clock Input to Clock Output Delay
(TA 25qC and with VCC 3.3V)
5.5
ns
Transmitter Clock Input to Clock Output Delay
See Figure 9
2.8
6.8
Transmitter Output Data Jitter (f
40 MHz) (Note 14)
tTPPB0
Transmitter Output Pulse Position of Bit 0
See Figure 16
0.25
0
0.25
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a
0.25aa0.25
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
a
12a
0.25
2a
2a
0.25
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
f x 7
3a
0.25
3a
3a
0.25
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a
0.25
4a
4a
0.25
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a
0.25
5a
5a
0.25
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a
0.25
6a
6a
0.25
ns
Transmitter Output Data Jitter (f
65 MHz) (Note 14)
tTPPB0
Transmitter Output Pulse Position of Bit 0
See Figure 16
0.2
0
0.2
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a
0.2
a
a
0.2
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
a
12a
0.2
2a
2a
0.2
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
f x 7
3a
0.2
3a
3a
0.2
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a
0.2
4a
4a
0.2
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a
0.2
5a
5a
0.2
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a
0.2
6a
6a
0.2
ns
Transmitter Output Data Jitter (f
85 MHz) (Note 14)
tTPPB0
Transmitter Output Pulse Position of Bit 0
See Figure 16
0.2
0
0.2
ns
tTPPB1
Transmitter Output Pulse Position of Bit 1
a
0.2
a
a
0.2
ns
tTPPB2
Transmitter Output Pulse Position of Bit 2
a
12a
0.2
2a
2a
0.2
ns
tTPPB3
Transmitter Output Pulse Position of Bit 3
f x 7
3a
0.2
3a
3a
0.2
ns
tTPPB4
Transmitter Output Pulse Position of Bit 4
4a
0.2
4a
4a
0.2
ns
tTPPB5
Transmitter Output Pulse Position of Bit 5
5a
0.2
5a
5a
0.2
ns
tTPPB6
Transmitter Output Pulse Position of Bit 6
6a
0.2
6a
6a
0.2
ns
tJCC
FIN3385 Transmitter Clock Out Jitter
f
40 MHz
350
370
ps
(Cycle-to-Cycle)
f
65 MHz
210
230
See Figure 20
f
85 MHz
110
150
tTPLLS
Transmitter Phase Lock Loop Set Time (Note 15)
See Figure 22, (Note 14)
10.0
ms


Số phần tương tự - FIN3383

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3383 FAIRCHILD-FIN3383 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3383MTD FAIRCHILD-FIN3383MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results

Mô tả tương tự - FIN3383

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com