công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN3384MTD bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FIN3384MTD
Giải thích chi tiết về linh kiện  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3384MTD bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FIN3384MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN3384MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
www.fairchildsemi.com
Transmitter and Receiver Power-Up/Power-Down Operation Truth Table
The outputs of the transmitter remain in the High-Impedance state until the power supply reaches 2V. The following table
shows the operation of the transmitter during power-up and power-down and operation of the PwrDn pin.
H
HIGH Logic Level
L
LOW Logic Level
P
Last Valid State
X
Don’t Care
Z
High-Impedance
Note 3: If the transmitter is powered up and PwrDn is inactive HIGH and the clock input goes to any state LOW, HIGH, or Z then the internal PLL will go to a
known low frequency and stay until the clock starts normal operation again.
Note 4: If the input is terminated and un-driven (Z) or shorted or open. (fail safe condition)
Note 5: For PwrDn or fail safe condition the RxCLKOut pin will go LOW for Panel Link devices and HIGH for Channel Link devices.
Note 6: Shorted here means (
r inputs are shorted to each other, or r inputs are shorted to each other and Ground or VCC, or either r inputs are shorted to
Ground or VCC) with no other Current/Voltage sources (noise) applied. If the VID is still in the valid range (greater than 100mV) and VCM is in the valid range
(0V to 2.4V) then the input signal is still recognized and the part will respond normally.
Transmitter
PwrDn
Normal
VCC
2V
!2V
!2V
!2V
!2V
!2V
TxIn
X
X
Active
Active
TxOut
Z
Z
Active
X
TxCLKIn
X
X
Active
H/L/Z
TxCLKOut
r
Z
Z
Active
(Note 3)
PwrDn
L
L
HHHH
Receiver
PwrDn
RxIn
r
X
X
Active
Active
(Note 4)
(Note 4)
RxOut
Z
L
L/H
P
H
P
RxCLKIn
r
X
X
Active
(Note 4)
Active
(Note 4)
RxCLKOut
Z
(Note 5)
Active
(Note 5)
(Note 5)
(Note 5)
PwrDn
L
L
HHHH
VCC
2V
2V
2V
2V
2V
2V


Số phần tương tự - FIN3384MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3383 FAIRCHILD-FIN3383 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3383MTD FAIRCHILD-FIN3383MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results

Mô tả tương tự - FIN3384MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com