công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124AJRQMLV bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI) |
|
|
LM124AJRQMLV bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI) |
8 / 27 page LM124A RAD HARD DC Electrical Characteristics (Note 10) (The following conditions apply to all the following parameters, unless otherwise specified.) All voltages referenced to device ground. SYMBOL PARAMETER CONDITIONS NOTES MIN MAX UNIT SUB- GROUPS Vio Input Offset Voltage Vcc+ = 30V, Vcc- = Gnd, Vcm = -15V -2 2 mV 1 -4 4 mV 2, 3 Vcc+ = 2V, Vcc- = -28V, Vcm = 13V -2 2 mV 1 -4 4 mV 2, 3 Vcc+ = 5V, Vcc- = Gnd, Vcm = -1.4V -2 2 mV 1 -4 4 mV 2, 3 Vcc+ = 2.5V, Vcc- = -2.5, Vcm = 1.1V -2 2 mV 1 -4 4 mV 2, 3 Iio Input Offset Current Vcc+ = 30V, Vcc- = Gnd, Vcm = -15V -10 10 nA 1, 2 -30 30 nA 3 Vcc+ = 2V, Vcc- = -28V, Vcm = 13V -10 10 nA 1, 2 -30 30 nA 3 Vcc+ = 5V, Vcc- = Gnd, Vcm = -1.4V -10 10 nA 1, 2 -30 30 nA 3 Vcc+ = 2.5V, Vcc- = -2.5, Vcm = 1.1V -10 10 nA 1, 2 -30 30 nA 3 ±Iib Input Bias Current Vcc+ = 30V, Vcc- = Gnd, Vcm = -15V -50 +0.1 nA 1, 2 -100 +0.1 nA 3 Vcc+ = 2V, Vcc- = -28V, Vcm = 13V -50 +0.1 nA 1, 2 -100 +0.1 nA 3 Vcc+ = 5V, Vcc- = Gnd, Vcm = -1.4V -50 +0.1 nA 1, 2 -100 +0.1 nA 3 Vcc+ = 2.5V, Vcc- = -2.5, Vcm = 1.1V -50 +0.1 nA 1, 2 -100 +0.1 nA 3 +PSRR Power Supply Rejection Ratio Vcc- = Gnd, Vcm = -1.4V, 5V ≤ Vcc ≤ 30V -100 100 uV/V 1, 2, 3 CMRR Common Mode Rejection Ratio 76 dB 1, 2, 3 Ios+ Output Short Circiut Current Vcc+ = 30V, Vcc- = Gnd, Vo = 25V -70 mA 1, 2,3 Icc Power Supply Current Vcc+ = 30V, Vcc- = Gnd 3 mA 1, 2 4mA 3 Delta Vio/ Delta T Input Offset Voltage Temperature Sensitivity +25˚C ≤ TA ≤ +125˚C, +Vcc = 5V, -Vcc = 0V, Vcm = -1.4V (Note 9) -30 30 uV/ ˚C 2 -55˚C ≤ TA ≤ +25˚C, +Vcc = 5V, -Vcc = 0V, Vcm = -1.4V (Note 9) -30 30 uV/ ˚C 3 Delta Iio/ Delta T Input Offset Current Temperature Sensitivity +25˚C ≤ TA ≤ +125˚C, +Vcc = 5V, -Vcc = 0V, Vcm = -1.4V (Note 9) -400 400 pA/˚ C 2 -55˚C ≤ TA ≤ +25˚C, +Vcc = 5V, -Vcc = 0V, Vcm = -1.4V (Note 9) -700 700 pA/ ˚C 3 www.national.com 8 |
Số phần tương tự - LM124AJRQMLV |
|
Mô tả tương tự - LM124AJRQMLV |