công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP08CDC596TTR bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STP08CDC596TTR
Giải thích chi tiết về linh kiện  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596TTR bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STP08CDC596TTR Datasheet HTML 6Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 7Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 8Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 9Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 10Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 11Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 12Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 13Page - STMicroelectronics STP08CDC596TTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
STP08CDC596
10/20
The LEDs status will be detected al least in 2
microseconds and after this time the micro
controller puts OE in HIGH state and the output
data detection result will go to the microprocessor
via SDO.
The detection data format is the same of data in
normal mode. As soon as all the detection data
bits are available on the serial line, the device may
go back to normal mode operation.
CONDITIONS IN ORDER TO GET A SUCCESSFULLY DETECTION CONDITION
Table 10: Detection Condition (VDD = 3.3 to 5 V Temp. Range -40 to 85°C)
where: IO = the output current programmed by the REXT, IODEC = the detected output current in detection mode.
Figure 15: Detection Mode
SW-1 or SW-3b
Open Line or Output Short
to GND detected
==> IODEC ≤ 0.5 x IO
No error detected
==> IODEC ≥ 0.5 x IO
SW-2 or SW-3a
Short on LED or Short to
V-LED detected
==> VO ≥ 2.4 V
No error detected
==> VO ≤ 2.2 V


Số phần tương tự - STP08CDC596TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Mô tả tương tự - STP08CDC596TTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
STMicroelectronics
STP08DP05 STMICROELECTRONICS-STP08DP05 Datasheet
531Kb / 30P
   Low voltage 8-Bit constant current Led sink with full outputs error detection
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com