công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN8038 bảng dữ liệu(PDF) 19 Page - Panasonic Semiconductor

tên linh kiện AN8038
Giải thích chi tiết về linh kiện  AC-DC switching power supply control IC with RCC local resonance circuit for improved conformance with energy conservation laws
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8038 bảng dữ liệu(HTML) 19 Page - Panasonic Semiconductor

Back Button AN8038 Datasheet HTML 14Page - Panasonic Semiconductor AN8038 Datasheet HTML 15Page - Panasonic Semiconductor AN8038 Datasheet HTML 16Page - Panasonic Semiconductor AN8038 Datasheet HTML 17Page - Panasonic Semiconductor AN8038 Datasheet HTML 18Page - Panasonic Semiconductor AN8038 Datasheet HTML 19Page - Panasonic Semiconductor AN8038 Datasheet HTML 20Page - Panasonic Semiconductor AN8038 Datasheet HTML 21Page - Panasonic Semiconductor AN8038 Datasheet HTML 22Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Voltage Regulators
AN8038, AN8038S
19
s Application Notes (continued)
[2] Operation descriptions (continued)
5. Output block (continued)
• Operating power supply current characteristics
When the OVP circuit operates and the power supply current drops, this can induce a rise of the supply
voltage VCC. In the worst case, it may exceed the IC's guaranteed breakdown voltage (28 V).
Therefore, the circuit is provided with characteristics that cause the supply current to rise in constant
resistance mode when the OVP circuit operates, and thus the increases of the supply voltage.
Due to these characteristics, if the
supply voltage VCC when the OVP circuit
operates is stabilized at a value (note that
this value depends on the value of the
startup resistor) that is larger than the OVP
release voltage (7.5 V typical), the OVP
circuit will not be reset as long as the AC
input is not cut. (See figure 11.) Note that
this does not apply to an external reset.
Figure 11. OVP operating circuit current
ICC
VCC
1.7 mA typ.
7.5 V 10 V
18 V
0.53 mA typ.
• Overcurrent protection circuit (pulse-by-pulse overcurrent protection)
This circuit uses the fact that overcurrents in the power supply output are proportional to the current flowing
in the primary side main switch (power MOSFET). This circuit limits overcurrents in the power supply output
by constraining the upper limit of the pulse current flowing in the main switch, and thus protects components
sensitive to excessive current.
The current flowing in the main switch is detected by connecting a resistor between the power MOSFET
source and ground and monitoring the voltage that appears across that resistor. When the power MOSFET is
turned on and the CLM (current limit) threshold voltage is detected, the output is turned off. This controls the
circuit so that a current in excess of that limit cannot flow by turning off the power MOSFET. The CLM
threshold voltage is about
−205 mV with respect to ground at T
a = 25°C. While this control operation is repeated
every cycle, once an overcurrent is detected, the off state is held for the remainder of that cycle, and the circuit
is not turned on until the next period. This type of overcurrent detection is called "pulse-by-pulse overcurrent
detection."
R6 and C6 in figure 12 form a
filter circuit that rejects noise gener-
ated due to the incidental equivalent
parasitic capacitance when the
power MOSFET is on.
For the grounding point, we rec-
ommend that the power MOSFET
source pin and the IC GND pin be
connected over as short a distance
as possible.
• Notes on the detection level precision
This overcurrent detection level is reflected on the operating current level of the power supply overcurrent
protection function. Therefore, if this detection level varies with sample-to-sample variations or with tem-
perature, the operating current level of the overcurrent protection function of the power supply itself will vary.
Since variations in this level imply a need for increased ruggedness in parts used, or even the destruction of
circuit components, we have increased the precision of this IC as much as possible.
Figure 12
CLM
GND
To AC
R6
R8 C6
R7
Use resistors with
no inductance.
Use a capacitor
with excellent frequency
characteristics.


Số phần tương tự - AN8038

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8031 PANASONIC-AN8031 Datasheet
205Kb / 21P
   Active filter control IC
AN8032 PANASONIC-AN8032 Datasheet
206Kb / 21P
   Active filter control IC
AN8035 PANASONIC-AN8035 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8035 PANASONIC-AN8035 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8035M PANASONIC-AN8035M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results

Mô tả tương tự - AN8038

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
   AC-DC switching power supply control IC with standby mode
AN8021L PANASONIC-AN8021L Datasheet
141Kb / 16P
   AC-DC switching power supply control IC
AN8022L PANASONIC-AN8022L Datasheet
119Kb / 16P
   AC-DC switching power supply control IC
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
logo
Sanken electric
SSC9510 SANKEN-SSC9510 Datasheet
124Kb / 2P
   Controller IC for Current Resonant Type Switching Power Supply with Half-Bridge Resonance
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com