công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN8021L bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện AN8021L
Giải thích chi tiết về linh kiện  AC-DC switching power supply control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8021L bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  AN8021L Datasheet HTML 1Page - Panasonic Semiconductor AN8021L Datasheet HTML 2Page - Panasonic Semiconductor AN8021L Datasheet HTML 3Page - Panasonic Semiconductor AN8021L Datasheet HTML 4Page - Panasonic Semiconductor AN8021L Datasheet HTML 5Page - Panasonic Semiconductor AN8021L Datasheet HTML 6Page - Panasonic Semiconductor AN8021L Datasheet HTML 7Page - Panasonic Semiconductor AN8021L Datasheet HTML 8Page - Panasonic Semiconductor AN8021L Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Voltage Regulators
AN8021L, AN8021SB
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
35
V
OVP terminal allowable application voltage
VOVP
VCC
V
CLM terminal allowable application voltage
VCLM
− 0.3 to +7.0
V
SS terminal allowable application voltage
VSS
− 0.3 to +7.0
V
Constant output current
IO
±150
mA
Peak output current
IOP
±1 000
mA
IFB terminal allowable application voltage
IFB
−5mA
Power dissipation
AN8021L
PD
658
mW
AN8021SB
340
Operating ambient temperature *
Topr
−30 to +85
°C
Storage temperature *
Tstg
−55 to +150
°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Timing resistor RT
R7
15 to 20
k
Note) *: Expect for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start voltage
VCC-START
13.0
14.2
15.4
V
Stop voltage
VCC-STOP
8.5
9.2
9.9
V
Standby bias current
ICC-STB
VCC = 12 V
50
70
105
µA
Operating bias current
ICC-OPR
VCC = 34 V
6.4
8.0
9.6
mA
OVP operating bias current 1
ICC-OVP1
VCC = 20 V
2.4
3.0
3.6
mA
OVP operating bias current 2
ICC-OVP2
VCC = 10 V
0.44
0.55
0.66
mA
OVP operating threshold voltage
VTH-OVP
VCC = 18 V
5.4
6.0
6.6
V
OVP release supply voltage
VCC-OVPC
7.6
8.4
9.2
V
Timer latch charge current
ICH-TIM
VCC = 18 V, RT = 19 kΩ−20
−30
−40
µA
Timer latch start feedback current
IFB-TIM
VCC = 18 V
− 0.37 − 0.5 − 0.63 mA
Soft-start charge current
ICH-SS
VCC = 18 V, RT = 19 kΩ−20
−30
−40
µA
Overcurrent protection threshold voltage 1
VTH-CLM1
VCC = 18 V
−180 −200 −220
mV
Pre-start low-level output voltage
VOL-STB
VCC = 12 V, IO = 10 mA
0.8
1.8
V
Low-level output voltage
VOL
VCC = 18 V, IO = 100 mA
1.3
1.8
V
High-level output voltage
VOH
VCC = 18 V, IO = −100 mA
15.0
16.5
V
Oscillation frequency 1
fOSC1
VCC = 18 V
175
200
225
kHz
Maximum duty 1
Dumax1
VCC = 18 V
62
66
70
%
Feedback current at 0% duty
IFB-Dumin
VCC = 18 V
−1.1
−1.5
−1.9
mA
Feedback current at maximum duty
IFB-Dumax
VCC = 18 V
− 0.37 − 0.5 − 0.63 mA


Số phần tương tự - AN8021L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
More results

Mô tả tương tự - AN8021L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
AN8022L PANASONIC-AN8022L Datasheet
119Kb / 16P
   AC-DC switching power supply control IC
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
   AC-DC switching power supply control IC with standby mode
AN8021NS PANASONIC-AN8021NS Datasheet
45Kb / 4P
   External excitation flyback AC-DC switching power supply control IC
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
logo
List of Unclassifed Man...
LN5R12C ETC2-LN5R12C Datasheet
161Kb / 3P
   LN5R12C AC / DC Switching power supply controller IC
logo
Panasonic Semiconductor
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
   Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
logo
Fuji Electric
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com