công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2256-XXXHB bảng dữ liệu(PDF) 1 Page - OKI electronic componets

tên linh kiện ML2256-XXXHB
Giải thích chi tiết về linh kiện  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2256-XXXHB bảng dữ liệu(HTML) 1 Page - OKI electronic componets

  ML2256-XXXHB Datasheet HTML 1Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 2Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 3Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 4Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 5Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 6Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 7Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 8Page - OKI electronic componets ML2256-XXXHB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OKI Semiconductor
FEDL2250DIGEST-09
Issue Date: Sep. 15, 2005
ML2251/52/53/54/56-XXX,
ML22Q54/Q58
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
This document contains minimum specifications. For full specifications, please contact your nearest Oki office or
representative.
GENERAL DESCRIPTION
The ML2250 family is a 2-channel mixing speech synthesis device with an on-chip voice data (i.e., phrases)
storing mask ROM and a flash memory. Besides playing the built-in voice data, this device can output voice data
that is input from outside the device. This ML2250 family allows selecting the playback method from the 8-bit
PCM, non-linear 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms. And the sound volume
is adjustable as well.
The ML2250 family incorporates a 14-bit D/A converter and low-pass filter.
It is easy to configure a speech synthesizer by externally connecting a power amplifier and a CPU to the ML2250
family.
The ML2250 family line-up includes 2 types of products: with on-chip mask ROM, and with on-chip flash
memory.
ML2251/52/53/54/56-XXX
This is a CMOS single chip speech synthesis device with an on-chip mask ROM. Products with 5 types of mask
ROMs are available in the ML2250 family depending upon the total playback time length.
ML22Q54/Q58
The ML22Q54/Q58 is a speech synthesis device with a 4-Mbit flash memory built in. The voice data can be
easily written to the flash memory using a special tool. The on-chip flash memory product is suitable for the
diversified low volume production or short delivery time applications that the on-chip mask ROM product
cannot support. The ML22Q54/Q58 is most suitable for evaluation because the circuit configuration is the same
as the on-chip mask ROM product. As it is easy to write to build in-flash memory, it is able to combine fixed
message and variable message.
1/36


Số phần tương tự - ML2256-XXXHB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22562 ETC2-ML22562 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22563 ETC2-ML22563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML2256X-xxxMB ETC2-ML2256X-xxxMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

Mô tả tương tự - ML2256-XXXHB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com