công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2500B bảng dữ liệu(PDF) 7 Page - OKI electronic componets

tên linh kiện ML2500B
Giải thích chi tiết về linh kiện  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500B bảng dữ liệu(HTML) 7 Page - OKI electronic componets

Back Button ML2500B Datasheet HTML 3Page - OKI electronic componets ML2500B Datasheet HTML 4Page - OKI electronic componets ML2500B Datasheet HTML 5Page - OKI electronic componets ML2500B Datasheet HTML 6Page - OKI electronic componets ML2500B Datasheet HTML 7Page - OKI electronic componets ML2500B Datasheet HTML 8Page - OKI electronic componets ML2500B Datasheet HTML 9Page - OKI electronic componets ML2500B Datasheet HTML 10Page - OKI electronic componets ML2500B Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
FEDL2500BFULL-02
OKI Semiconductor
ML2500BTA
7/27
AC Characteristics 1
DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = –40 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
External Clock Duty Cycle
fduty
40
50
60
%
RESET Pulse Width
tRST
1
µs
Powering up time
tPWUP
1
ms
Power-down Shift Time after PDWN
Command Input
tPDWN
100
µs
Power-down Shift Time after “L” Input
to RESET pin
tPDWNR
100
µs
CS “L” Level Pulse Width for
Power-down Reset
tCSWL
1
µs
MON Rising Time after REC
Command Input
*1
tRECM
At fsam = 6.4 kHz
165
µs
RPM Rising Time after REC Command
Input
tRECR
220
ms
MON Rising Time after PLAY
Command Input
tPLYM
11
ms
RPM Rising Time after PLAY
Command Input
tPLYR
11
ms
At fsam = 4.0 kHz
305
At fsam = 5.3 kHz
280
At REC
tSPCM
At fsam = 6.4 kHz
266
ms
MON Falling Time
after STOP
Command Input
At PLAY
*1
tSPCM
At fsam = 6.4 kHz
165
µs
At fsam = 4.0 kHz
305
At fsam = 5.3 kHz
280
At REC
tSPCR
At fsam = 6.4 kHz
266
ms
RPM Falling Time
after STOP
Command Input
At PLAY
*1
tSPCR
At fsam = 6.4 kHz
165
µs
VPM Bit Rising Time after PAUSE
Command Input
*1
tPSCP
At fsam = 6.4 kHz
165
µs
VPM Bit Reset Time after PAUSE
Command Input, while Pausing
*1
tSPCP1
At fsam = 6.4 kHz
165
µs
VPM Bit Reset Time after STOP
Command Input, while Pausing
*1
tSPCP2
At fsam = 6.4 kHz
165
µs
Absolute Error
∆fsam1
Ta = 25°C,
DVDD = AVDD = 3.0 V
–3.0
Defined
Frequency
+3.0
VDD Variation
Error
∆fsam2
Ta = 25°C, DVDD =
AVDD = 2.7 to 3.0 V
–6.0
Defined
Frequency
+6.0
Sampling Frequency
Error When internal
oscillation clock is
used
*2 Temperature
Variation Error
∆fsam3
Ta = –40 to +70°C
–3.0
Defined
Frequency
+
∆fsam2
+3.0
%
*1: The value changes in proportion to the sampling frequency selected.
*2: When a 30 k
Ω resistor is used between ROSC and DGND pins.


Số phần tương tự - ML2500B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
   Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
More results

Mô tả tương tự - ML2500B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML2500 OKI-ML2500 Datasheet
104Kb / 7P
   Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
OKI electronic componet...
ML2502 OKI-ML2502 Datasheet
117Kb / 20P
   128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com