công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML2215-XXXMA bảng dữ liệu(PDF) 11 Page - OKI electronic componets

tên linh kiện ML2215-XXXMA
Giải thích chi tiết về linh kiện  Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OKI [OKI electronic componets]
Trang chủ  http://www.oki.com
Logo OKI - OKI electronic componets

ML2215-XXXMA bảng dữ liệu(HTML) 11 Page - OKI electronic componets

Back Button ML2215-XXXMA Datasheet HTML 7Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 8Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 9Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 10Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 11Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 12Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 13Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 14Page - OKI electronic componets ML2215-XXXMA Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FEDL2215-01
1Semiconductor
ML2215
11/26
FUNCTIONAL DESCRIPTION
1. Specifying a user-defined phrase code for playback
The LSI allows a user to define up to 247 phrases. To playback a user-defined phrase, input a phrase code (phrase
address) in serial order, starting with the MSB, through the SD pin.
Figure 1.1 Timing for Phrase Code Input
When more than 8 SI clocks are input, the first 8-clock data is taken as valid data. Table 1.1 shows phrase codes
for user-defined phrases.
Table 1.1 Phrase Code for User-defined Phrase
MSB to LSB
Code Description
00000000
Stop Code
00000001
11110111
User-defined Phrase Codes
11111000
11111111
Test Codes*
Note: * No test codes could be used to represent a user-defined phrase.
2. Use-Prohibited Area in on-chip Mask ROM
As shown in the Table 2.1, the last 3 bytes of on-chip Mask ROM are use-prohibited. Be sure not to use the last 3
bytes when you prepare ROM data using an analyzing tool.
Table 2.1 shows addresses that are prohibited to use, and Figure 2.1 shows the address map of on-chip Mask ROM.
Table 2.1 User’s Data Area and Use-Prohibited Area in on-chip Mask ROM
User’s Data Area
Use-Prohibited Area
007C8 to 5FFFC
5FFFD, 5FFFE, 5FFFF
SD
SI
MSB 2SB
3SB
4SB
5SB
6SB
7SB
LSB


Số phần tương tự - ML2215-XXXMA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMA OKI-ML2213-XXXMA Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2213-XXXMB OKI-ML2213-XXXMB Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
More results

Mô tả tương tự - ML2215-XXXMA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
NXP Semiconductors
TEA1069 PHILIPS-TEA1069 Datasheet
301Kb / 44P
   Versatile speech/dialler/ringer with music-on-hold
1998 Jan 08
logo
List of Unclassifed Man...
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
   16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
logo
King blillion Electroni...
SF23C3200B KB-SF23C3200B Datasheet
295Kb / 7P
   32 Mbit CMOS Mask Programmable ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com