công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC56F83XXBLUM bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC56F83XXBLUM
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F83XXBLUM bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC56F83XXBLUM Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F83XXBLUM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
56F8335 Technical Data, Rev. 1
6
Freescale Semiconductor
Preliminary
1.1.3
Memory
Note: Features in italics are NOT available in the 56F8135 device.
Harvard architecture permits as many as three simultaneous accesses to program and data memory
Flash security protection feature
On-chip memory, including a low-cost, high-volume Flash solution
— 64KB of Program Flash
— 4KB of Program RAM
— 8KB of Data Flash
—8KB of Data RAM
— 8KB of Boot Flash
EEPROM emulation capability
1.1.4
Peripheral Circuits
Note: Features in italics are NOT available in the 56F8135 device.
Pulse Width Modulator module:
— In the 56F8335, two Pulse Width Modulator modules, each with six PWM outputs, three Current Sense
inputs, and four Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned
and edge-aligned modes
— In the 56F8135, one Pulse Width Modulator module with six PWM outputs, three Current Sense inputs
and three Fault inputs; fault-tolerant design with dead time insertion; supports both center-aligned and
edge-aligned modes
Four 12-bit, Analog-to-Digital Converters (ADCs), which support four simultaneous conversions with
quad, 4-pin multiplexed inputs; ADC and PWM modules can be synchronized through Timer C, channels
2 and 3
Quadrature Decoder:
— In the 56F8335, two four-input Quadrature Decoders or two additional Quad Timers
— In the 56F8135, one four-input Quadrature Decoder, which works in conjunction with Quad Timer A
Temperature Sensor can be connected, on the board, to any of the ADC inputs to monitor the on-chip
temperature
•Quad Timer:
— In the 56F8335, four dedicated general-purpose Quad Timers totaling six dedicated pins: Timer C with
two pins and Timer D with four pins
— In the 56F8135, two Quad Timers; Timer A and Timer C both work in conjunction with GPIO
Optional On-Chip Regulator
FlexCAN (CAN Version 2.0 B-compliant) module with 2-pin port for transmit and receive
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines); SPI 1 can also be used as Quadrature Decoder 1 or Quad Timer B
Computer Operating Properly (COP)/Watchdog timer
Two dedicated external interrupt pins


Số phần tương tự - MC56F83XXBLUM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC56F83XXBLUM FREESCALE-MC56F83XXBLUM Datasheet
2Mb / 184P
   16-bit Digital Signal Controllers
MC56F83XXBLUM FREESCALE-MC56F83XXBLUM Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
More results

Mô tả tương tự - MC56F83XXBLUM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
56F8335 FREESCALE-56F8335_07 Datasheet
2Mb / 160P
   16-bit Digital Signal Controller
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com