công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ7008 bảng dữ liệu(PDF) 2 Page - Integral Corp.

tên linh kiện IZ7008
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER WITH LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7008 bảng dữ liệu(HTML) 2 Page - Integral Corp.

  IZ7008 Datasheet HTML 1Page - Integral Corp. IZ7008 Datasheet HTML 2Page - Integral Corp. IZ7008 Datasheet HTML 3Page - Integral Corp. IZ7008 Datasheet HTML 4Page - Integral Corp. IZ7008 Datasheet HTML 5Page - Integral Corp. IZ7008 Datasheet HTML 6Page - Integral Corp. IZ7008 Datasheet HTML 7Page - Integral Corp. IZ7008 Datasheet HTML 8Page - Integral Corp. IZ7008 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IZ7008
Korzhenevskogo 12, Minsk, 220064, Republic of Bel-
arus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
2
Electrical parameters at 1.5V supply
Absolute maximum and maximum ratings
Parameter, unit
Symbol
Maximum ratings
Absolute maximum ratings
Value
Value
min
max
min
max
Primary supply voltage from
voltage source, V
UCC1
1,2
1,8
-0,3
2,0
Secondary supply voltage, V
UCC2
2UCC1-0,3
2UCC1
-0,3
4,0
High input voltage, V
UIH
UCC1-0,3
UCC1
-0,3
UCC1+0,3
Low input voltage, V
UIL
Uss
Uss+0,3
-0,3
UCC1+0,3
Cycle of command execution is not more than 150 mks at supply voltage 1.2V, and
100 mks at supply voltage 1.5V.
IC operation is not guaranteed under absolute maximum conditions, it's guaranteed under
maximum conditions.
Electrical parameters ( Та = 25
°С )
Parameter, unit
Symbol
Test
Value
Note
conditions
min
max
Low output voltage on alarm-
clock output, V
UOL
UСС1=1.2V
IOL=200mkA
0.2
High output voltage on alarm-
clock output, V
UOH
UСС1=1.2V
IOH=-200mkA
1.0
Dynamic consumption current in
shutdown conditions, mkA
IСС0
UСС1=1,5V
-
1,3
1,2
Low input current on buttons
inputs, mkA
IIL
UСС1=1,8V
UIL=0,3V
-
10
Oscillator start-up voltage, V
Uosc
Control time 3
sec
-
1,35
2
Oscillator supression voltage, V
Uosp
-
-
1,2
2
Notes:
1 Dynamic consumption current should be measured without load.
2 The parameters are controlled with oscillator crystal with oscillator nominal frequency 32768 Hz
at capacitance values on oscillator input OSCI not more than 6pF, on output OSCO - not more
than 3pF.
3 Nominal value of integrated capacitances on outputs OSCI and OSCO - 12pF and 12pF(crystal
load capacity CL=6 pF).


Số phần tương tự - IZ7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ7007 INTEGRAL-IZ7007 Datasheet
260Kb / 8P
   Circuit for electron pedometer - ergmeter
More results

Mô tả tương tự - IZ7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com