công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ7008 bảng dữ liệu(PDF) 6 Page - Integral Corp.

tên linh kiện IZ7008
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER WITH LCD DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7008 bảng dữ liệu(HTML) 6 Page - Integral Corp.

Back Button IZ7008 Datasheet HTML 2Page - Integral Corp. IZ7008 Datasheet HTML 3Page - Integral Corp. IZ7008 Datasheet HTML 4Page - Integral Corp. IZ7008 Datasheet HTML 5Page - Integral Corp. IZ7008 Datasheet HTML 6Page - Integral Corp. IZ7008 Datasheet HTML 7Page - Integral Corp. IZ7008 Datasheet HTML 8Page - Integral Corp. IZ7008 Datasheet HTML 9Page - Integral Corp. IZ7008 Datasheet HTML 10Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IZ7008
Korzhenevskogo 12, Minsk, 220064, Republic of Bel-
arus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
6
Index addressing is possible for all registers (except RO-R7) at setting bit 0 into 1 in the
state register RGS (R7), i.e. at (R7_0)=1.
State register RGS (register R7 with address 0x007).
Bit
Symbol
Description and function
State at supply
switch.
R7_7
MFR1
1 – masking of setting into 1 of interruption request flag
FR1 on timer 1 cleaning
0
R7_6
FR3
Interruption request flag from timer 3
(set into 1 on timer cleaning front)
0
R7_5
FR2
Interruption request flag from timer 2
(set into 1 on timer cleaning front)
0
R7_4
FR1
Interruption request flag from timer 1
(set into 1 on timer cleaning front)
0
R7_3
SVD
1 – at supply voltage less than reference
0
R7_2
SVD/LAMP
ON
0- switching-off supply voltage detector
1- switching-on supply voltage detector
0
R7_1
AL_EN
0 –sound inhibit (fixing output OUT_AL into 0)
1 – applying on output OUT_AL frequency 4096 Hz
under tune off mode or note frequency in tune foramtion
mode
0
R7_0
INDEX
0 –RAM index addressing inhibit, enable direct address-
ing of registers R8-R1F
1 – enable RAM index addressing, inhibit direct ad-
dressing of registers R8-R1F
0
Memory of data, displayed on LCD of maximum size 128 bits is located in address space
from 0x7E8 to 0x7F7 (banks FD, FE). For LCD memory only index addressing is possible. Con-
figuration of LCD memory at multiplexing level at 1/4 is shown in the figure


Số phần tương tự - IZ7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ7007 INTEGRAL-IZ7007 Datasheet
260Kb / 8P
   Circuit for electron pedometer - ergmeter
More results

Mô tả tương tự - IZ7008

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Feeling Technology Corp...
FM8PE68B FEELING-FM8PE68B Datasheet
3Mb / 81P
   OTP-Based 8-Bit Microcontroller with LCD Driver
FM8P756 FEELING-FM8P756 Datasheet
3Mb / 80P
   OTP-Based 8-Bit Microcontroller with LCD Driver
logo
Hynix Semiconductor
GMS81C3004 HYNIX-GMS81C3004 Datasheet
1Mb / 90P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
List of Unclassifed Man...
ML610Q411 ETC2-ML610Q411 Datasheet
639Kb / 36P
   8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
552Kb / 33P
   8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com