công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ1242M bảng dữ liệu(PDF) 1 Page - Integral Corp.

tên linh kiện IZ1242M
Giải thích chi tiết về linh kiện  Scientific 10 Digits LCD Calculator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1242M bảng dữ liệu(HTML) 1 Page - Integral Corp.

  IZ1242M Datasheet HTML 1Page - Integral Corp. IZ1242M Datasheet HTML 2Page - Integral Corp. IZ1242M Datasheet HTML 3Page - Integral Corp. IZ1242M Datasheet HTML 4Page - Integral Corp. IZ1242M Datasheet HTML 5Page - Integral Corp. IZ1242M Datasheet HTML 6Page - Integral Corp. IZ1242M Datasheet HTML 7Page - Integral Corp. IZ1242M Datasheet HTML 8Page - Integral Corp. IZ1242M Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IZ1242M
1
Scientific 10 Digits LCD Calculator
The IZ1242M is the CMOS LSI for 10-digit display and the complete single chip for scientific
calculator with 56 programmed functions.
FEATURES
• Display
-10 display digits plus negative code digit
- scientific and engineering displays
- 8 mantissa digits plus 2 exponent digits plus 2
negative code digits
• 14 kinds of special display
M
-
E
2ndF
HYP
DEG
RAD
Memory
Minus
Error
2nd
Function
Hyperbolic
Degree
Radian
GRAD
(
)
BIN
OCT
HEX
CPLX
STAT
Gradient
Parenthesis
Binary mode
Octal mode
Hexadecimal
mode
Complex number
mode
Statistic
calculation mode
FUNCTIONS
• Six operations
- four standard functions (+, -,
×, ÷ )
- y
x
-
√y
- auto-constant
- parenthesis
- percentage
• Memory calculation
- independent single memory (
× → M, RM, M+)
• Four operations complex number calculation
• 1-variable functions
- trigonometric and arctrigonometric function
- hyperbolic and archyperbolic function
- factorial
- reciprocal and square
- square root and cube root
- time conversions
- angular mode conversion
• 2-variable functions
- polar-rectangular coordinate conversion
• Statistics calculations
- number of sample (n)
- average (
×)
- total of all data (
Σ ×)
- total of square of all data (
Σ x2)
- 2 kinds of the standard deviation (S,
σ)
• Binary, octal, decimal and hexadecimal
number
calculations
- mutual conversions and calculations of binary,
octal,
decimal, and hexadecimal numbers
• Display conversion
- conversion and setting of floating and
engineering displays
• The minus sign of the mantissa is floating minus
• The arithmetic key operation has the same
sequence
as the mathematical equation, 6 pending
operations
are allowed and ( ) are up to continuous 15
levels
• Mutual conversion and calculation in arithmetic
among binary, octal, decimal and hexadecimal
numbers
• One independent accumulating memory
• It is possible to convert and fix the display
number
system by the F
→ E key
• It is possible to specify decimal part digits by the
TAB key
• Direct drive for LCD (1/3 prebias, 1/4 duty)
• Automatic power off (about 7.5 minutes)
• Low power consumption
VDD = 3.0V single power supply
• Bare chip available
• Mirror type
ABSOLUTE MAXIMUM RATINGS (Ta = 25
oC)
Characteristic
Symbol
Value
Unit
VDD
- 0.3 ~ + 3.3
V
Terminal Voltage
VIN
- 0.3 ~ VDD + 0.3
V
Operating Temperature
Topr
0 ~ + 40
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC
* Voltage greater than above may damage the circuit
IZ1242M


Số phần tương tự - IZ1242M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results

Mô tả tương tự - IZ1242M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
logo
Silan Microelectronics ...
SC3442 SILAN-SC3442 Datasheet
297Kb / 20P
   SCIENTIFIC 10DIGITS CALCULATOR CIRCUIT
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com