công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IZ1239M bảng dữ liệu(PDF) 1 Page - Integral Corp.

tên linh kiện IZ1239M
Giải thích chi tiết về linh kiện  8 - DIGITS CURENCY CALCULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1239M bảng dữ liệu(HTML) 1 Page - Integral Corp.

  IZ1239M Datasheet HTML 1Page - Integral Corp. IZ1239M Datasheet HTML 2Page - Integral Corp. IZ1239M Datasheet HTML 3Page - Integral Corp. IZ1239M Datasheet HTML 4Page - Integral Corp. IZ1239M Datasheet HTML 5Page - Integral Corp. IZ1239M Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IZ1239M
1
8 - DIGITS CURENCY CALCULATOR
The IZ1239M are a single chip CMOS LSI with 8-digit arithmetic operation, single memory,
extraction-of-square-root, percentage calculation and auto power off function, designed for FEM
LCD operation with a 1.5V power supply. The IZ1239M has special keys (C1, C2, SM, RM) for
currency exchange calculations and special memory for save currency rate. The result of
currency exchange operations formatted to two decimal always and rounded if it exceeds two
decimal.
FUNCTIONS
• Four standard functions (+, -, ×, ÷ )
• The result of currency exchange operation is
rounded to two decimal
• Auto constant calculations
• Mark-up and mark-down calculations
• Percentage calculations
• Chain multiplication and division
• Power calculations
• Rough estimate calculations
• Clear key: ON/C, CE
• Currency exchange calculations :
Currency 1
→ Currency 2 and
Currency 2
→ Currency 1
FEATURES
• Single chip CMOS construction
• Floating decimal point
• LCD direct drive
• Special memory for currency rates
• Overflow indication: “E”
• On-chip oscillator components
• Mirror LCD
• Punctuation comma
• Auto Power off
• Saving special memory contents when auto
power off
• Accumulating memory: M+, M-, MR, MC, MRC
• Currencies C1, C2, SMR, SMW and Rate
indication
• Rounded function (option)
• Formatting function
• Bare chip is available
ABSOLUTE MAXIMUM RATINGS ( Ta = 25
oC )
Characteristic
Symbol
Value
Unit
VDD
- 0.3 ~ + 2.1
V
Terminal Voltage
VIN
- 0.3 ~ VDD + 0.3
V
Supply Voltage (Battery)
VDD
1.1 ~ 1.8
V
Operating Temperature
Ta
0 ~ + 50
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC


Số phần tương tự - IZ1239M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1236MR INTEGRAL-IZ1236MR Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
More results

Mô tả tương tự - IZ1239M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integral Corp.
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com