công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54ACT823FCX bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
54ACT823FCX bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
5 / 8 page Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74ACT 823 P C QR Temperature Range Family Special Variations 74ACT e Commercial TTL-Compatible X e Devices shipped in 13 reels 54ACT e Military TTL-Compatible QR e Commercial grade device with burn-in Device Type QB e Military grade device with environmental and burn-in Package Code processing shipped in tubes SP e Slim Plastic DIP SD e Slim Ceramic DIP Temperature Range F e Flatpak C e Commercial (b40 Cto a85 C) L e Leadless Ceramic Chip Carrier (LCC) M e Military (b55 Cto a125 C) S e Small Outline (SOIC) Physical Dimensions inches (millimeters) 28 Terminal Ceramic Leadless Chip Carrier (L) NS Package Number E28A 5 |
Số phần tương tự - 54ACT823FCX |
|
Mô tả tương tự - 54ACT823FCX |