công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-9040B13 bảng dữ liệu(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HEDS-9040B13 bảng dữ liệu(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 12 page 6 Electrical Interface To insure reliable encoding performance, the HEDS-9040 and 9140 three channel encoder modules require 2.7 k Ω (± 10%) pull-up resistors on output pins 2, 3, and 5 (Channels I, A and B) as shown in Figure 1. These pull-up resistors should be located as close to the encoder module as possible (within 4 feet). Each of the three encoder module outputs can drive a single TTL load in this configuration. Figure 1. Pull-up Resistors on HEDS-9X40 Encoder Module Outputs. Mounting Considerations Figure 2 shows a mounting tolerance requirement for proper operation of the HEDS-9040 and HEDS-9140. The Aligning Recess Centers must be located within a tolerance circle of 0.005 in. radius from the nominal locations. This tolerance must be maintained whether the module is mounted with side A as the mounting plane using aligning pins (see Figure 5), or mounted with Side B as the mounting plane using an alignment tool (see Figures 3 and 4). Figure 2. HEDS-9X40 Mounting Tolerance. |
Số phần tương tự - HEDS-9040B13 |
|
Mô tả tương tự - HEDS-9040B13 |