công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEDS-9041J12 bảng dữ liệu(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HEDS-9041J12 bảng dữ liệu(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 12 page 7 Instructions: 1. Place codewheel on shaft. 2. Set codewheel height by placing alignment tool on motor base (pins facing up) flush up against the codewheel as shown in Figure 3. Tighten codewheel setscrew and remove alignment tool. 3. Insert mounting screws through module and thread into the motor base. Do not tighten screws. 4. Slide alignment tool over codewheel hub and onto module as shown in Figure 4. The pins of the alignment tool should fit snugly inside the alignment recesses of the module. Mounting with an Alignment Tool The HEDS-8905 and HEDS-8906 alignment tools are recommended for mounting the modules with Side B as the mounting plane. The HEDS-8905 is used to mount the HEDS-9140, and the HEDS-8906 is used to mount the HEDS-9040. These tools fix the module position using the codewheel hub as a reference. They will not work if Side A is used as the mounting plane. The following assembly procedure uses the HEDS-8905/8906 alignment tool to mount a HEDS- 9140/9040 module and a HEDS- 5140/6140 codewheel: 5. While holding alignment tool in place, tighten screws down to secure module. 6. Remove alignment tool. Mounting with Aligning Pins The HEDS-9040 and HEDS-9140 can also be mounted using aligning pins on the motor base. (Hewlett-Packard does not provide aligning pins.) For this configuration, Side A must be used as the mounting plane. The aligning recess centers must be located within the 0.005 in. R Tolerance Circle as explained above. Figure 5 shows the necessary dimensions. Figure 3. Alignment Tool is Used to Set Height of Codewheel. Figure 4. Alignment Tool is Placed over Shaft and onto Codewheel Hub. Alignment Tool Pins Mate with Aligning Recesses on Module. MODULE SIDE A MODULE SIDE B ARTWORK SIDE MOTOR BOSS CODE WHEEL BOSS MOTOR |
Số phần tương tự - HEDS-9041J12 |
|
Mô tả tương tự - HEDS-9041J12 |