công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9041J08 bảng dữ liệu(PDF) 5 Page - Agilent(Hewlett-Packard)

tên linh kiện HEDS-9041J08
Giải thích chi tiết về linh kiện  Three Channel Optical Incremental Encoder Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9041J08 bảng dữ liệu(HTML) 5 Page - Agilent(Hewlett-Packard)

  HEDS-9041J08 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9041J08 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Encoding Characteristics
HEDS-9040 #T00
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances
unless otherwise specified. Values are for the worst error over the full rotation of HEDM-614X Option TXX
codewheel.
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Cycle Error
∆C
3
7.5
°e
Pulse Width Error
∆P7
50
°e
Logic State Width Error
∆S5
50
°e
Phase Error
∆φ
215
°e
Position Error
∆Θ
2
20
min. of arc
Index Pulse Width
PO
40
90
140
°e
CH. I rise after
-40
°C to +100°Ct
1
10
450
1500
ns
CH. I fall after
-40
°C to +100°Ct
2
10
250
1500
ns
Note:
1. Module mounted on tolerance circle of
± 0.13 mm (± 0.005 in.) radius referenced from module Side A aligning recess centers. 2.7 kΩ
pull-up resistors used on all encoder module outputs.
CH. B or CH. A fall
CH. A or CH. B rise
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range.
Notes:
1. Typical values specified at V
CC = 5.0 V and 25°C.
2. t
r and tf 80 nsec for HEDS-9040 #T00.
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Notes
Supply Current
ICC
30
57
85
mA
High Level Output Voltage
VOH
2.4
V
IOH = -200 µA max.
Low Level Output Voltage
VOL
0.4
V
IOL = 3.86 mA
Rise Time
tr
180[2]
ns
CL = 25 pF
RL = 2.7 kΩ pull-up
Fall Time
tf
49[2]
ns


Số phần tương tự - HEDS-9041J08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-9041J08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com