công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8812ICPWR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8812ICPWR
Giải thích chi tiết về linh kiện  Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8812ICPWR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC8812ICPWR Datasheet HTML 1Page - Texas Instruments DAC8812ICPWR Datasheet HTML 2Page - Texas Instruments DAC8812ICPWR Datasheet HTML 3Page - Texas Instruments DAC8812ICPWR Datasheet HTML 4Page - Texas Instruments DAC8812ICPWR Datasheet HTML 5Page - Texas Instruments DAC8812ICPWR Datasheet HTML 6Page - Texas Instruments DAC8812ICPWR Datasheet HTML 7Page - Texas Instruments DAC8812ICPWR Datasheet HTML 8Page - Texas Instruments DAC8812ICPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DAC8812
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
16
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
EN
A
B
SDI
CS
CLK
DGND
RS
MSB
LDAC
R
R
Power-On
Reset
R
DAC B
Register
DAC A
Register
R
DAC A
DAC B
Decode
Input
Register
Input
Register
V
A B
REF
R A
FB
R B
FB
I
A
OUT
A
A
GND
I
B
OUT
A
B
GND
DAC8812
SBAS349A – AUGUST 2005 – REVISED DECEMBER 2005
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Relative Accuracy: 1 LSB Max
The DAC8812 is a dual, 16-bit, current-output
Differential Nonlinearity: 1 LSB Max
digital-to-analog converter (DAC) designed to operate
from a single +2.7 V to +5.5 V supply.
2-mA Full-Scale Current
±20%,
with VREF = ±10 V
The applied external reference input voltage VREF
0.5
µs Settling Time
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
Midscale or Zero-Scale Reset
for the full-scale output when combined with an
Separate 4Q Multiplying Reference Inputs
external I-to-V precision amplifier.
Reference Bandwidth: 10 MHz
A
double-buffered,
serial
data
interface
offers
Reference Dynamics: –105 dB THD
high-speed,
3-wire,
SPI
and
microcontroller
SPI™-Compatible 3-Wire Interface:
compatible inputs using serial data in (SDI), clock
50 MHz
(CLK),
and
a
chip-select
(CS).
A
common
Double Buffered Registers Enable
level-sensitive load DAC strobe (LDAC) input allows
simultaneous
update
of
all
DAC
outputs
from
Simultaneous Multichannel Change
previously loaded input registers. Additionally, an
Internal Power On Reset
internal power-on reset forces the output voltage to
Industry-Standard Pin Configuration
zero at system turn-on. An MSB pin allows system
reset assertion (RS) to force all registers to zero code
when MSB = 0, or to half-scale code when MSB = 1.
Automatic Test Equipment
The DAC8812 is available in an TSSOP-16 package.
Instrumentation
Digitally Controlled Calibration
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC8812ICPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8812ICPWR TI1-DAC8812ICPWR Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812ICPWRG4 TI1-DAC8812ICPWRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8812ICPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com