công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FFPF20UP20S bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FFPF20UP20S
Giải thích chi tiết về linh kiện  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP20S bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FFPF20UP20S Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP20S Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP20S Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP20S Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP20S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFPF20UP20S Rev. A
FFPF20UP20S
Ultrafast Recovery Power Rectifier
Features
• Ultrafast with Soft Recovery : < 45ns (@IF = 20A)
• High Reverse Voltage : VRRM = 200V
• Avalanche Energy Rated
• Planar Construction
Applications
• Output Rectifiers
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
200
V
VRWM
Working Peak Reverse Voltage
200
V
VR
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 95°C20
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
200
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
3.5
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F20UP20S
FFPF20UP20STU
TO-220F
-
-
50
1. Cathode
2. Anode
1
TO-220F
12
1. Cathode
2. Anode
February 2006


Số phần tương tự - FFPF20UP20S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
122Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP20DN FAIRCHILD-FFPF20UP20DN Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DN THINKISEMI-FFPF20UP20DN Datasheet
3Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
logo
Fairchild Semiconductor
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFPF20UP20DNTU THINKISEMI-FFPF20UP20DNTU Datasheet
4Mb / 2P
   20Amperes,200Volts Insulated Common Cathode Ultra Fast Soft Recovery Epitaxial Diodes
More results

Mô tả tương tự - FFPF20UP20S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com