công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9312-00 bảng dữ liệu(PDF) 5 Page - Peregrine Semiconductor Corp.

tên linh kiện 9312-00
Giải thích chi tiết về linh kiện  1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PEREGRINE [Peregrine Semiconductor Corp.]
Trang chủ  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9312-00 bảng dữ liệu(HTML) 5 Page - Peregrine Semiconductor Corp.

  9312-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9312-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE9312
Page 5 of 7
Document No. 70-0119-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit Operation
The Ceramic SOIC Prescaler Evaluation Board was
designed to help customers evaluate the PE9312
divide-by-2 prescaler. On this board, the device
input (pin 2) is connected to the SMA connector J1
through a 50
Ω transmission line. A series capacitor
(C3) provides the necessary DC block for the device
input. A value of 1000 pF was used for the
evaluation board; other applications may require a
different value. It is also possible to place a 0
resistor in this location for very low frequency
applications.
The device output (pin 7) is connected to SMA
connector J3 through a 50
Ω transmission line. A
series capacitor (C1) provides the necessary DC
block for the device output. This capacitor value
must be chosen to have a low impedance at the
desired output frequency of the device. A value of
1000 pF was chosen for the evaluation board.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace
width of 0.030”, trace gaps of 0.0061”, dielectric
thickness of 0.028”, metal thickness of 0.0014”, and
ε
r of 4.6.
Note that the predominate mode of these
transmission lines is coplanar waveguide.
J2 provides DC power to the device via pin 1. Two
decoupling capacitors (C2=100 pF, C10=1000 pF)
are included on this trace. It is the responsibility of
the customer to determine proper supply decoupling
for their design application.
Figure 8. Evaluation Board Layout
Figure 9. Evaluation Board Schematic
Peregrine specification 102/0202
Peregrine specification 102/0034


Số phần tương tự - 9312-00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Belden Inc.
9312-0601000 BELDEN-9312-0601000 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
9312-060500 BELDEN-9312-060500 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
More results

Mô tả tương tự - 9312-00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com