công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-1.5KE bảng dữ liệu(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

tên linh kiện S-1.5KE
Giải thích chi tiết về linh kiện  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Trang chủ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-1.5KE bảng dữ liệu(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-1.5KE Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd S-1.5KE Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S-1.5KE Series 1500W Transient Voltage Suppressor
DESCRIPTION:
The
S-1.5KE series of high current uni/bi-directional
transient suppressors are designed for A.C. line protection
and high power DC bus clamping applications. These
devices offer uni/bi-directional port protection from 6.8
volts to 600 volts. They provide a clamping voltage lower
than the avalanche voltage. Therefore, any voltage rise
due to increased current conduction is contained to a
minimum, providing the best possible protection level.
They can also be connected in series and/or parallel to
create very high capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 Repetition rate (duty cycle): 0.01%.
 JEDEC DO-27/DO-201 Molded Plastic.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction in DO-27/DO-201 package.
 1500W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
1500
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
6.5
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +125
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
200
A
DO-201
Symbol
www.leiditech.com
Rev : 01.0
8.2021
1/5
 AEC-Q101 qualified.


Số phần tương tự - S-1.5KE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
285Kb / 2P
   Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
S-1 COOPER-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
logo
Riedon Powertron
S-1 RIEDON-S-1 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
logo
Eaton All Rights Reserv...
S-1 EATON-S-1 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
Cooper Bussmann, Inc.
S-1-1/4 COOPER-S-1-1/4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element
More results

Mô tả tương tự - S-1.5KE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com